Electronic Components Datasheet Search
  English  ▼

X  

PE44952 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44952
Description  SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB with Raised Right Angle Center Contact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44952 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44952 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44952 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44952 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Limited Detent
Connector Specification
DESC 94007
Connector Interface Type
Surface Mount
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.2 in [5.08 mm]
Width/Dia.
0.165 in [4.19 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
AMS-QQ-P-35
Body Material and Plating
Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Torlon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB with Raised
Right Angle Center Contact
PE44952
PE44952
PE44952 REV 1.0
SMP Male Limited Detent Connector Solder Attachment
Surface Mount PCB with Raised Right Angle Center Contact


Similar Part No. - PE44952

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4495 PASTERNACK-PE4495 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44953 PASTERNACK-PE44953 Datasheet
368Kb / 2P
SMP Male Limited Detent Shroud Thread-In Mount
More results

Similar Description - PE44952

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44968 PASTERNACK-PE44968 Datasheet
373Kb / 3P
Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PE44481 PASTERNACK-PE44481 Datasheet
351Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB
PE44932 PASTERNACK-PE44932 Datasheet
365Kb / 2P
SMP Male Limited Detent Shroud Solder Mount Surface Mount
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
PE44940 PASTERNACK-PE44940 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Hex Body Non Captive Center Contact
PE44941 PASTERNACK-PE44941 Datasheet
377Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB Non Captive Center Contact
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44946 PASTERNACK-PE44946 Datasheet
373Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB Right Angle Center Contact
PE44965 PASTERNACK-PE44965 Datasheet
381Kb / 3P
SMP Male Full Detent Connector Solder Attachment Through Hole PCB Right Angle Center Contact
PE45278TR1 PASTERNACK-PE45278TR1 Datasheet
469Kb / 4P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB, With Pick Cap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com