Electronic Components Datasheet Search
  English  ▼

X  

PE44954 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44954
Description  SMP Male Smooth Bore Shroud Press-In Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44954 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44954 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44954 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44954 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Smooth Bore
Connector Specification
DESC 94007
Connector Interface Type
None
Attachment Method (Shield/Contact)
None
Body Style
Straight
Mount Method
Press-In
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Temperature
Operating Range
-55 to +125 deg C
Size
Length
0.08 in [2.03 mm]
Width/Dia.
0.154 in [3.91 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Smooth Bore Shroud Press-In Mount PE44954
PE44954
PE44954 REV 1.0
SMP Male Smooth Bore Shroud Press-In Mount


Similar Part No. - PE44954

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4495 PASTERNACK-PE4495 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44952 PASTERNACK-PE44952 Datasheet
378Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB with Raised Right Angle Center Contact
More results

Similar Description - PE44954

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P673 ETC2-P673 Datasheet
68Kb / 1P
SMP SHROUD SMOOTH BORE STRAIGHT 2 HOLE FLANGE MOUNT
P675 ETC2-P675 Datasheet
107Kb / 1P
SMP MALE PRESS FIT SHROUD
P769 ETC2-P769 Datasheet
63Kb / 1P
SMP FULL DETENT PRESS IN SHROUD
logo
Pasternack Enterprises,...
PE91125 PASTERNACK-PE91125 Datasheet
377Kb / 3P
2.92mm Male to Mini SMP Male Adapter Smooth Bore
PE91303 PASTERNACK-PE91303 Datasheet
329Kb / 3P
SMA Male to Mini SMP Male Smooth Bore Adapter
PE44948 PASTERNACK-PE44948 Datasheet
365Kb / 3P
SMP Male Smooth Bore Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE91307 PASTERNACK-PE91307 Datasheet
327Kb / 3P
SMA Female to SMP Male Smooth Bore Adapter
PE91311 PASTERNACK-PE91311 Datasheet
325Kb / 3P
SMA Male to SMP Male Smooth Bore Adapter
logo
Rosenberger Hochfrequen...
19S641-271L5-NM ROSENBERGER-19S641-271L5-NM Datasheet
179Kb / 2P
SMP BULKHEAD PLUG SMOOTH BORE
logo
Amphenol SV Microwave
012-80-485 SVMICROWAVE-012-80-485 Datasheet
490Kb / 1P
3mm SMOOTH BORE SHROUD
9/17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com