Electronic Components Datasheet Search
  English  ▼

X  

PE44955 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44955
Description  SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44955 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44955 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44955 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44955 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Full Detent
Connector Specification
MIL-STD-348
Connector Interface Type
Edge Launch
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.307 in [7.8 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Full Detent Connector Solder Attachment Edge Launch PCB PE44955
PE44955
PE44955 REV 1.0
SMP Male Full Detent Connector Solder
Attachment Edge Launch PCB


Similar Part No. - PE44955

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4495 PASTERNACK-PE4495 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44952 PASTERNACK-PE44952 Datasheet
378Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB with Raised Right Angle Center Contact
More results

Similar Description - PE44955

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44968 PASTERNACK-PE44968 Datasheet
373Kb / 3P
Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PE44969 PASTERNACK-PE44969 Datasheet
380Kb / 3P
Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
PE44937 PASTERNACK-PE44937 Datasheet
373Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com