Electronic Components Datasheet Search
  English  ▼

X  

PE44956 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44956
Description  SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal Catchers Mitt Design Pre-Tinned Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44956 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44956 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44956 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44956 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Smooth Bore
Connector Specification
MIL-STD-348
Connector Interface Type
Pin
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Thread-In
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.39 in [9.91 mm]
Width/Dia.
0.23 in [5.84 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Smooth Bore Connector Solder Attachment Thread-In Mount Pin Terminal Catchers
Mitt Design Pre-Tinned Pin PE44956
PE44956
PE44956 REV 1.0
SMP Male Smooth Bore Connector Solder Attachment Thread-
In Mount Pin Terminal Catchers Mitt Design Pre-Tinned Pin


Similar Part No. - PE44956

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4495 PASTERNACK-PE4495 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44952 PASTERNACK-PE44952 Datasheet
378Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Surface Mount PCB with Raised Right Angle Center Contact
More results

Similar Description - PE44956

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44928 PASTERNACK-PE44928 Datasheet
371Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
PE44929 PASTERNACK-PE44929 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44944 PASTERNACK-PE44944 Datasheet
367Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Catchers Mitt Design with 2 Ground Posts
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44963 PASTERNACK-PE44963 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
PE44964 PASTERNACK-PE44964 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com