Electronic Components Datasheet Search
  English  ▼

X  

PE44965 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44965
Description  SMP Male Full Detent Connector Solder Attachment Through Hole PCB Right Angle Center Contact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44965 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44965 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44965 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44965 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
SMP Male Full Detent Connector Solder Attachment Through Hole PCB Right Angle Center Contact from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Full Detent Connector Solder Attachment Through Hole PCB Right Angle Center
Contact
PE44965
URL: http://www.pasternack.com/smp-male-standard-through-hole-pcb-connector-pe44965-p.aspx
SMP Male Full Detent Connector Solder Attachment
Through Hole PCB Right Angle Center Contact
PE44965
PE44965 REV 1.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com