Electronic Components Datasheet Search
  English  ▼

X  

PE44966 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44966
Description  SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44966 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44966 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44966 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44966 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Smooth Bore
Connector Specification
DESC 94007
Connector Interface Type
Thru Hole
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.27 in [6.86 mm]
Width/Dia.
0.187 in [4.75 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44966
PE44966
PE44966 REV 1.0
SMP Male Smooth Bore Connector Solder
Attachment Thru Hole PCB 3 Leg Version


Similar Part No. - PE44966

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44962 PASTERNACK-PE44962 Datasheet
384Kb / 3P
SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44963 PASTERNACK-PE44963 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
More results

Similar Description - PE44966

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44849 PASTERNACK-PE44849 Datasheet
287Kb / 3P
SMP Male Connector Solder Attachment Thru
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44937 PASTERNACK-PE44937 Datasheet
373Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
logo
Molex Electronics Ltd.
0734157010 MOLEX11-0734157010 Datasheet
33Kb / 1P
50 Ohms, SMP Male Full Smooth Bore Vertical PCB thru SMP-P/PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com