Electronic Components Datasheet Search
  English  ▼

X  

PE45153 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45153
Description  SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45153 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45153 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45153 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45153 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SSMB Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Maximum Operating Voltage
250 Volts
Dielectric Withstanding Voltage
500 Vrms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.9 in [22.86 mm]
Width/Dia.
0.184 in [4.67 mm]
.
Weight
0.01 lbs [4.54 g]
Connector
Type
SSMB Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45153
PE45153
PE45153 REV 1.0
SSMB Plug Connector Crimp/Solder
Attachment for RG188-DS, RG316-DS


Similar Part No. - PE45153

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE4515 PASTERNACK-PE4515 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45153

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44874 PASTERNACK-PE44874 Datasheet
246Kb / 3P
MMCX Plug Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45169 PASTERNACK-PE45169 Datasheet
347Kb / 3P
MC-Card Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com