Electronic Components Datasheet Search
  English  ▼

X  

ADP3164 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADP3164
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3164 Datasheet(HTML) 2 Page - ON Semiconductor

  ADP3164 Datasheet HTML 1Page - ON Semiconductor ADP3164 Datasheet HTML 2Page - ON Semiconductor ADP3164 Datasheet HTML 3Page - ON Semiconductor ADP3164 Datasheet HTML 4Page - ON Semiconductor ADP3164 Datasheet HTML 5Page - ON Semiconductor ADP3164 Datasheet HTML 6Page - ON Semiconductor ADP3164 Datasheet HTML 7Page - ON Semiconductor ADP3164 Datasheet HTML 8Page - ON Semiconductor ADP3164 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REV. 0
–2–
ADP3164–SPECIFICATIONS1 (VCC = 12 V, I
REF = 150
A, TA = 0 C to 70 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
FEEDBACK INPUT
Accuracy
VFB
1.1 V Output
1.091
1.11.109
V
1.6 V Output
1.587
1.61.613
V
1.85 V Output
1.835
1.85
1.865
V
Line Regulation
VFB
VCC = 10 V to 14 V
0.01
%
Input Bias Current
IFB
550
nA
Crowbar Trip Point
VCROWBAR
% of Nominal Output
115
120
125
%
Crowbar Reset Point
% of Nominal Output
40
50
60
%
Crowbar Response Time
tCROWBAR
Overvoltage to PWM Going Low
400
ns
REFERENCE
Output Voltage
VREF
2.952
3.00
3.048
V
Output Current
IREF
300
A
VID INPUTS
Input Low Voltage
VIL(VID)
0.8V
Input High Voltage
VIH(VID)
2.0V
Input Current
IVID
VID(X) = 0 V
70
90
A
Pull-Up Resistance
RVID
33
43
k
Internal Pull-Up Voltage
2.73.03.3V
OSCILLATOR
Maximum Frequency
2
fCT(MAX)
4000
kHz
Frequency Variation
fCT
TA = 25 C, CT = 150 pF
475
575
675
kHz
TA = 25 C, CT = 68 pF
850
1000
1250
kHz
TA = 25 C, CT = 47 pF
1100
1300
1500
kHz
CT Charge Current
ICT
TA = 25 C, VFB in Regulation
260
300
340
A
TA = 25 C, VFB = 0 V
40
65
80
A
ERROR AMPLIFIER
Output Resistance
RO(ERR)
1M
Transconductance
gm(ERR)
2.02.22.45
mmho
Output Current
IO(ERR)
FB = 0 V
575
A
Maximum Output Voltage
VCOMP(MAX)
FB Forced to VOUT – 3%
3.0V
Output Disable Threshold
VCOMP(OFF)
800
875
mV
–3 dB Bandwidth
BWERR
COMP = Open
500
kHz
CURRENT SENSE
Threshold Voltage
VCS(TH)
CS+ = VCC,
143
158
173
mV
FB Forced to VOUT – 3%
FB
750 mV
80
92
108
mV
0.8 V
SHARE
1 V
0
5
mV
Input Bias Current
ICS+, ICS–
CS+ = CS– = VCC
1
5
A
Response Time
tCS
CS+ – (CS–)
173 mV
50
ns
to PWM Going Low
CURRENT SHARING
Output Source Current
2
mA
Output Sink Current
300
400
A
Maximum Output Voltage
VSHARE(MAX)
FB Forced to VOUT – 3%
3.0V
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Percent of Nominal Output
75
80
85
%
Overvoltage Threshold
VPWRGD(OV)
Percent of Nominal Output
115
120
125
%
Output Voltage Low
VOL(PWRGD)
IPWRGD(SINK) = 1 mA
375
525
mV
Response Time
250
ns
PWM OUTPUTS
Output Voltage Low
VOL(PWM)
IPWM(SINK) = 400 A
100
500
mV
Output Voltage High
VOH(PWM)
IPWM(SOURCE) = 400 A4.05.0V
Duty Cycle Limit Per Phase
2
DC
25
%
Rev. 1 | Page 2 of 15 | www.onsemi.com
Rev. 2 | Page 2 of 15 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com