Electronic Components Datasheet Search
  English  ▼

X  

ADP3207 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADP3207
Description  CPU Synchronous Buck Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207 Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3207 Datasheet HTML 1Page - ON Semiconductor ADP3207 Datasheet HTML 2Page - ON Semiconductor ADP3207 Datasheet HTML 3Page - ON Semiconductor ADP3207 Datasheet HTML 4Page - ON Semiconductor ADP3207 Datasheet HTML 5Page - ON Semiconductor ADP3207 Datasheet HTML 6Page - ON Semiconductor ADP3207 Datasheet HTML 7Page - ON Semiconductor ADP3207 Datasheet HTML 8Page - ON Semiconductor ADP3207 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADP3207
Rev. 1 | Page 5 of 29 | www.onsemi.com
Parameter
Symbol
Conditions
Min
Typ
Max
Units
POWER-GOOD COMPARATOR
Undervoltage Threshold
VCSREF(UV)
Relative to nominal DAC voltage
−240
−300
−360
mV
Overvoltage Threshold
VCSREF(OV)
Relative to nominal DAC voltage
150
200
250
mV
Output Low Voltage
VPWRGD(L)
IPWRGD(SINK) = 4 mA
85
250
mV
Output Leakage Current
IPWRGD
VPWRDG = 5 V
3
μA
Power-Good Delay Timer
PGDELAY Threshold
VPGDELAY(TH)
2.9
V
PGDELAY Charge Current
IPGDELAY
VPGDELAY = 2.0 V
1.9
μA
PGDELAY Discharge Resistance
RPGDELAY
VPGDELAY = 0.2 V
550
Ω
Power-Good Masking Time
130
μs
Crowbar Threshold Voltage
VCSREF(CB)
Relative to FBRTN
1.65
1.7
1.75
V
Reverse Voltage Detection
Threshold
VCSREF(RV)
Relative to FBRTN
CSREF is falling
−300
−350
mV
CSREF is rising
−75
−10
mV
CLKEN OUTPUT
Output Low Voltage
I
CLKEN
(SINK)
= 4 mA
30
400
mV
Output Leakage Current
V
CLKEN
= 5 V, VSS = GND
3
μA
OD/DCM OUTPUTS
Output Low Voltage
VOL
ISINK = 400 μA
10
500
mV
Output High Voltage
VOH
ISOURCE = 400 μA
4
5
V
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = 400 μA
10
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = 400 μA
4.0
5
V
SUPPLY
Supply Voltage Range
VCC
4.5
5.5
V
Supply Current
Normal mode
4.2
10
mA
EN = 0 V
190
300
μA
VCCOK Threshold Voltage
VCCOK
VCC is rising
4.4
4.5
V
VCC UVLO Threshold Voltage
VCCUVLO
VCC is falling
4.0
4.15
V
VCC Hysteresis2
260
mV
1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2 Guaranteed by design or bench characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com