Electronic Components Datasheet Search
  English  ▼

X  

ASM1232LPSF Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM1232LPSF
Description  5 V P Power Supply Monitor and Reset Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LPSF Datasheet(HTML) 3 Page - ON Semiconductor

  ASM1232LPSF Datasheet HTML 1Page - ON Semiconductor ASM1232LPSF Datasheet HTML 2Page - ON Semiconductor ASM1232LPSF Datasheet HTML 3Page - ON Semiconductor ASM1232LPSF Datasheet HTML 4Page - ON Semiconductor ASM1232LPSF Datasheet HTML 5Page - ON Semiconductor ASM1232LPSF Datasheet HTML 6Page - ON Semiconductor ASM1232LPSF Datasheet HTML 7Page - ON Semiconductor ASM1232LPSF Datasheet HTML 8Page - ON Semiconductor ASM1232LPSF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ASM1232LP, ASM1232LPS
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin #
8−Pin Package
Pin #
16−Pin Package
Pin
Name
Function
1
2
PBRST
Debounced manual pushbutton RESET input.
2
4
TD
Watchdog time delay selection. (tTD = 150 ms for TD = GND, tTD = 610 ms
for TD = Open, and tTD = 1200 ms for TD = VCC).
3
6
TOL
Selects 5% (TOL connected to GND) or 10% (TOL connected to VCC) trip
point tolerance.
4
8
GND
Ground.
5
9
RESET
Active HIGH reset output. RESET is active:
1. If VCC falls below the reset voltage trip point.
2. If PBRST is LOW.
3. If ST is not strobed LOW before the timeout period set by TD expires.
4. During power−up.
6
11
RESET
Active LOW reset output. (See RESET).
7
13
ST
Strobe input.
8
15
VCC
5 V power.
1,3,5,7,10,12,14,16
NC
No internal connection.
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Voltage on VCC (Note 1)
−0.5
7
V
Voltage on ST, TD (Note 1)
−0.5
VCC + 0.5
V
Voltage on PBRST, RESET, RESET (Note 1)
−0.5
VCC + 0.5
V
Operating Temperature Range (N suffixed devices)
−40
+85
°C
Operating Temperature Range (others)
0
70
°C
Soldering Temperature (for 10 sec)
+260
°C
Storage Temperature
−55
+125
°C
ESD rating
HBM
2
KV
MM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Voltages are measured with respect to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com