Electronic Components Datasheet Search
  English  ▼

X  

CS5166HGDWR16 Datasheet(PDF) 24 Page - ON Semiconductor

Part # CS5166HGDWR16
Description  5?묪it Synchronous CPU Controller with Power Good
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5166HGDWR16 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button CS5166HGDWR16 Datasheet HTML 17Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 18Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 19Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 20Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 21Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 22Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 23Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 24Page - ON Semiconductor CS5166HGDWR16 Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
CS5166H
http://onsemi.com
24
COMP
ISENSE
VFB
GATE(H)
GATE(L)
PWRGD
VCC
VID0
VID1
VID2
VID3
VID4
PGND
SS
COFF
CS5166H
3.0 mΩ
1000 pF
LGND
1.2 μH
0.1 μF
3.3 k
0.1 μF
1000 pF
+12 V
1200 μF/10 V
× 5
Figure 37. Additional Application Diagram, +12 V to +2.8 V @ 14.2 A for 300 MHz Pentium II
PENTIUM II
SYSTEM
Droop Resistor
(Embedded PCB trace)
0.1 μF
IRL3103S
1N5818
1N4746
1.0 μF
PWRGD
VID0
VID1
VID2
VID3
VID4
VCC
VSS
COMP
ISENSE
VFB
VGATE(H)
VGATE(L)
PWRGD
VCC
VID0
VID1
VID2
VID3
VID4
PGND
SS
COFF
CS5166H
3.0 mΩ
330 pF
LGND
1200 μF/10 V × 3
1.2 μH
IRL3103S
1.0 μF
3.3 k
0.1 μF
1000 pF
+5.0 V
MBRS120
1200 μF/10 V
× 5
Figure 38. Additional Application Diagram, +5.0 V to +2.8 V @ 14.2 A for 300 MHz Pentium II
PENTIUM II
SYSTEM
Droop Resistor
(Embedded PCB trace)
0.1 μF
IRL3103S
MBRS120
MBRS120
1.0 μF
PWRGD
VID0
VID1
VID2
VID3
VID4
VCC
VSS
IRL3103S
+12 V
1200 μF/16 V × 3
1N5818
18 V
0.1 μF
18 Ω
510
510
0.1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com