Electronic Components Datasheet Search
  English  ▼

X  

ENA2221 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ENA2221
Description  4:1 Micro USB Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2221 Datasheet(HTML) 4 Page - ON Semiconductor

  ENA2221 Datasheet HTML 1Page - ON Semiconductor ENA2221 Datasheet HTML 2Page - ON Semiconductor ENA2221 Datasheet HTML 3Page - ON Semiconductor ENA2221 Datasheet HTML 4Page - ON Semiconductor ENA2221 Datasheet HTML 5Page - ON Semiconductor ENA2221 Datasheet HTML 6Page - ON Semiconductor ENA2221 Datasheet HTML 7Page - ON Semiconductor ENA2221 Datasheet HTML 8Page - ON Semiconductor ENA2221 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LC824204-13YB
No.A2221-4/14
Absolute Maximum Ratings at Ta = 25
C
Parameter
Ratings
Unit
Maximum supply voltage
VDD
0.3 to 4.6
V
VBUS
0.3 to 28.0
V
Maximum
input
/output
voltage
DP/DM pin
↔ Signal pin
USB_Path
0.5 to 4.6
V
UART_Path
0.3 to 4.6
V
AUDIO_Path
1.5 to 4.6
V
AUDIO Input Range
3.0
Vpp
MIC(DP)_Path
0.5 to 4.6
V
MIC(DP) Input Range
2.0
Vpp
VBUS
↔ MIC Pin
MIC(VBUS)_Path
0.3 to 4.6
V
MIC(VBUS) Input Range
2.0
Vpp
DP/DM pin
↔ Signal pin
Stereo-MIC_Path
0.5 to 4.6
V
Stereo-MIC Input Range
2.0
Vpp
VIDEO pin
↔ ID pin
VIDEO_Path
1.5 to 4.6
V
VIDEO Input Range
3.0
Vpp
Maximum input/output
voltage
VBUSOUT (Output Only)
0.3 to 6.0
V
Others
1)
0.3 to 4.6
V
Allowable loss
2)
Pd (Ta = 25
C)
690
mW
Operating temperature
range
Topr
30 to +85
C
Storage temperature range
Tstg
55 to +125
C
*1) The Others means I2C_SCL, I2C_SDA, INTB, RESETB, CHG_DETB, and TEST pin.
*2) The values were obtained with glass epoxy board of 50 x 40 x 0.9t mm.
Recommended Operating Conditions at Ta = 25
C
Parameter
Symbol
Min
Max
Unit
Condition
VDD voltage
VDD
3.0
3.6
V
VBUS voltage
VBUS
4.5
5.5
V
AUDIO input range
VSW_AUDIO
1.4
1.4
V
MIC(DP) input range
VSW_MICDP
0
2.5
V
bias < 2.0 V,
1.0 Vpp
MIC(VBUS) input range
VSW_MICVBUS
0
2.5
V
bias < 2.0 V,
1.0 Vpp
Stereo-MIC input range
VSW_SMIC
0
2.5
V
bias < 2.0 V,
1.0 Vpp
VIDEO input range
VSW_VIDEO
1.4
1.4
V
1.0 Vpp
USB input range
VUSBin
0
3.6
V
Other signal input
*
Vin
0
VDD
V
Allowed capacitance of load of
accessory ID pin
IDcap
300
pF
* Other signal input signifies I2C_SCL, I2C_SDA, RESETB, TEST, TXD and RX (DP) pin.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com