Electronic Components Datasheet Search
  English  ▼

X  

KAF-0261 Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAF-0261
Description  Full Frame CCD Image Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-0261 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAF-0261 Datasheet HTML 5Page - ON Semiconductor KAF-0261 Datasheet HTML 6Page - ON Semiconductor KAF-0261 Datasheet HTML 7Page - ON Semiconductor KAF-0261 Datasheet HTML 8Page - ON Semiconductor KAF-0261 Datasheet HTML 9Page - ON Semiconductor KAF-0261 Datasheet HTML 10Page - ON Semiconductor KAF-0261 Datasheet HTML 11Page - ON Semiconductor KAF-0261 Datasheet HTML 12Page - ON Semiconductor KAF-0261 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
KAF−0261
http://onsemi.com
9
OPERATION
Table 9. ABSOLUTE MAXIMUM RATINGS
Description
Symbol
Minimum
Maximum
Units
Notes
Voltage
All Clocks
–16
+16
V
1
Voltage
OG
0
+8
V
2
Voltage
VRD, VSS, VDD, GUARD
0
+20
V
2
Current
Output Bias Current (IDD)
10
mA
Capacitance
10
pF
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Voltage between any two clocks or between any clock and Vsub.
2. Voltage with respect to Vsub.
WARNING: For maximum performance, built−in gate protection has been added only to the OG pin. These devices
require extreme care during handling to prevent electrostatic discharge (ESD) induced damage. Devices are
rated as Class 0 (<250 V per JESD22 Human Body Model test), or Class A (<200 V JESD22 Machine
Model test).
Table 10. DC BIAS OPERATING CONDITIONS
Description
Symbol
Minimum
Nominal
Maximum
Units
Pin Impedance
Substrate
VSUB
0.0
0.0
0.0
V
Common
Output Amplifier Supply
VDD
15.0
+17.0
17.5
V
5 pF, 2 K
W (Note 1)
Output Amplifier Return
VSS
1.4
+2.0
2.1
V
5 pF, 2 K
W
Reset Drain
VRD
11.5
+12
12.5
V
5 pF, 1 M
W
Output Gate
OG
4.0
4.5
5.0
V
5 pF, 10 M
W
Guard Ring
GUARD
9.0
+10.0
15.0
V
350 pF, 10 M
W
Load Gate
VLG
VSS − 1.0
VSS
VSS + 1.0
V
1. Vdd = 17 volts for applications where the expected output voltage > 2.0 Volts. For applications where the expected useable output voltage
is < 2 Volts Vdd can be reduced to 15 Volts.
AC Operating Conditions
Table 11. CLOCK LEVELS
Description
Symbol
Level
Minimum
Nominal
Maximum
Units
Pin Impedance
Vertical Clock − Phase 1
fV1
Low
−10.2
−10.0
−9.0
V
13 nF, 10 M
W
Vertical Clock − Phase 1
fV1
High
0.0
0
2.0
V
Vertical Clock − Phase 2
fV2
Low
−10.2
−10.0
−9.0
V
16 nF, 10 M
W
Vertical Clock − Phase 2
fV2
High
0.0
0
2.0
V
Horizontal Clock − Phase 1
fH1
Low
−2.2
−2.0
−1.8
V
160 pF, 10 M
W
Horizontal Clock − Phase 1
fH1
High
7.8
+8.0
8.2
V
Horizontal Clock − Phase 2
fH2
Low
−2.2
−2.0
−1.8
V
110 pF, 10 M
W
Horizontal Clock − Phase 2
fH2
High
7.8
+8.0
8.2
V
Reset Clock
fR
Low
2.0
3.0
3.5
V
10 pF, 10 M
W
Reset Clock
fR
High
10.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com