Electronic Components Datasheet Search
  English  ▼

X  

XL2011 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XL2011
Description  5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2011 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XL2011 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2011 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2011
Rev 1.0
www.xlsemi.com
5
XL2011 Electrical Characteristics
Ta = 25℃;unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
System parameters test circuit figure4
VFB
Feedback
Voltage
Vin = 8V to 45V, Vout=5V
Iload=0.5A to 2.1A
4.9
5
5.1
V
Efficiency
ŋ
Vin=12V ,Vout=5V
Iout=2.1A
-
90
-
%
Electrical Characteristics (DC Parameters)
Vin = 12V, GND=0V, Vin & GND parallel connect a 47uF/50V capacitor; Iout=500mA, Ta =
25℃; the others floating unless otherwise specified.
Parameters
Symbol
Test Condition
Min. Typ.
Max.
Unit
Input operation voltage
Vin
8
45
V
Quiescent Supply Current
Iq
VFB =Vin
4.7
10
mA
Output Short Supply Current
Iosp
5
mA
Oscillator Frequency
Fosc
128
150
173
KHz
Switch Current Limit
IL
VFB =0
2.3
A
Output Power PMOS
Rdson
VFB=0V, Vin=12V,
ISW=2A
60
80
mohm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com