Electronic Components Datasheet Search
  English  ▼

X  

PE4674 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4674
Description  RP TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4674 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4674 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4674 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405
Configuration
Connector
TNC Male Reverse Polarity
Connector Interface Type
PE-B400,PE-B405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.695 [43.05]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405 PE4674
URL:
http://www.pasternack.com/tnc-male-reverse-polarity-pe-b400-pe-b405-connector-pe4674-p.aspx
PE4674
PE4674 REV 01
RP TNC Male Connector Clamp/Solder
Attachment For PE-B400, PE-B405


Similar Part No. - PE4674

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4670 PASTERNACK-PE4670 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FRO RG402, PE-SR402AL & PE-SR402FL
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4672 PASTERNACK-PE4672 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4673 PASTERNACK-PE4673 Datasheet
310Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4675 PASTERNACK-PE4675 Datasheet
280Kb / 3P
RP TNC Male Right Angle Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results

Similar Description - PE4674

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4726 PASTERNACK-PE4726 Datasheet
272Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405
PE4133 PASTERNACK-PE4133 Datasheet
245Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4386 PASTERNACK-PE4386 Datasheet
306Kb / 2P
BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4372 PASTERNACK-PE4372 Datasheet
207Kb / 2P
N Female Connector Clamp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com