Electronic Components Datasheet Search
  English  ▼

X  

PE4675 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4675
Description  RP TNC Male Right Angle Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4675 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4675 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4675 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4675 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225,
RG393
Configuration
Connector
TNC Male Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.84 [46.74]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.16 [29.46]
.
Weight, lbs [g]
0.165 [74.84]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8,
RG9, RG225, RG393 PE4675
PE4675
PE4675 REV
RP TNC Male Right Angle Connector Clamp/Solder Attachment
For RG213, RG214, RG8, RG9, RG225, RG393


Similar Part No. - PE4675

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4670 PASTERNACK-PE4670 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FRO RG402, PE-SR402AL & PE-SR402FL
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4672 PASTERNACK-PE4672 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4673 PASTERNACK-PE4673 Datasheet
310Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4674 PASTERNACK-PE4674 Datasheet
217Kb / 2P
RP TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405
More results

Similar Description - PE4675

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4711 PASTERNACK-PE4711 Datasheet
478Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4088 PASTERNACK-PE4088 Datasheet
269Kb / 2P
TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4136 PASTERNACK-PE4136 Datasheet
316Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4683 PASTERNACK-PE4683 Datasheet
206Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4659 PASTERNACK-PE4659 Datasheet
235Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4735 PASTERNACK-PE4735 Datasheet
225Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4979 PASTERNACK-PE4979 Datasheet
221Kb / 2P
SC Male Right Angle Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4727 PASTERNACK-PE4727 Datasheet
230Kb / 3P
RP BNC Male Right Angle Connector Clamp-Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4146 PASTERNACK-PE4146 Datasheet
454Kb / 3P
TNC Male Right Angle Connector Clamp - Solder Attachment for RG213, RG214, RG8, RG9, RG11, RG225, RG393
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com