Electronic Components Datasheet Search
  English  ▼

X  

PE44056 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44056
Description  UHF Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44056 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44056 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44056 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
UHF Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
Configuration
Connector
UHF Female
Connector Interface Type
RG58,RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.46 [37.08]
Width/Dia., in [mm]
0.63 [16.00]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
UHF Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
UHF Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400 PE44056
URL: http://www.pasternack.com/uhf-female-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe44056-p.aspx
PE44056
PE44056 REV 01
UHF Female Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE44056

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4405 PASTERNACK-PE4405 Datasheet
283Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4405 PASTERNACK-PE4405 Datasheet
424Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE44050 PASTERNACK-PE44050 Datasheet
271Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44051 PASTERNACK-PE44051 Datasheet
85Kb / 1P
UHF MALE CRIMP ATTACHMENT FOR RG9 RG214 RG225 &RG393
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE44056

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4225 PASTERNACK-PE4225 Datasheet
296Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4961 PASTERNACK-PE4961 Datasheet
276Kb / 3P
C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com