Electronic Components Datasheet Search
  English  ▼

X  

PE44063 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44063
Description  TNC Male Connector Clamp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44063 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44063 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44063 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44063 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Male Connector Clamp/Solder Attachment For RG8X, PE-C240, 0.240 inch
Configuration
Connector
TNC Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG8X,PE-C240,0.240 inch
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.12 [28.45]
Width/Dia., in [mm]
0.591 [15.01]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
TNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Connector Clamp/Solder Attachment For RG8X, PE-C240, 0.240 inch PE44063
PE44063
PE44063 REV
TNC Male Connector Clamp/Solder Attachment
For RG8X, PE-C240, 0.240 inch


Similar Part No. - PE44063

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4406 PASTERNACK-PE4406 Datasheet
115Kb / 1P
SMA MALE RIGHT ANGLE SOLDER ATTACHMENT
PE44060 PASTERNACK-PE44060 Datasheet
205Kb / 2P
UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Rear Mount
PE44061 PASTERNACK-PE44061 Datasheet
107Kb / 1P
TNC MALE, CLAMP ATTACHMENT FOR PE-C200 & LMR200
PE44062 PASTERNACK-PE44062 Datasheet
93Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR PE-C200 & LMR200
PE44064 PASTERNACK-PE44064 Datasheet
106Kb / 1P
TNC MALE, CLAMP ATTACHMENT FOR PE-C300 & LMR300
More results

Similar Description - PE44063

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44521 PASTERNACK-PE44521 Datasheet
264Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PE44637 PASTERNACK-PE44637 Datasheet
215Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44638 PASTERNACK-PE44638 Datasheet
231Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44639 PASTERNACK-PE44639 Datasheet
242Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44635 PASTERNACK-PE44635 Datasheet
218Kb / 2P
TNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com