Electronic Components Datasheet Search
  English  ▼

X  

PE44594 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44594
Description  UMCX Jack Connector Solder Attachment Surface Mount PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44594 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44594 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44594 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44594 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
UMCX Jack
Connector Interface Type
Surface Mount
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Maximum Operating Voltage
60 Volts
Mechanical Specifications
Temperature
Operating Range
-40 to +90 deg C
Size
Length
0.118 in [3 mm]
Width/Dia.
0.122 in [3.10 mm]
Height
0.049 in [1.24 mm]
.
Weight
0.001 lbs [0.45 g]
Connector
Type
UMCX Jack
Contact Material and Plating
Brass, Gold
Body Material and Plating
Phosphor Bronze, Gold
Dielectric Type
LCP
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UMCX Jack Connector Solder Attachment Surface Mount PCB PE44594
PE44594
PE44594 REV 1.3
UMCX Jack Connector Solder Attachment Surface Mount PCB


Similar Part No. - PE44594

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
318Kb / 3P
TNC Female Connector Crimp/Solder Attachment
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44591 PASTERNACK-PE44591 Datasheet
250Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
More results

Similar Description - PE44594

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44119 PASTERNACK-PE44119 Datasheet
248Kb / 2P
SMB Jack Connector Solder Attachment Surface Mount PCB
PE44121 PASTERNACK-PE44121 Datasheet
242Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE4890 PASTERNACK-PE4890 Datasheet
222Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44302 PASTERNACK-PE44302 Datasheet
219Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment Surface Mount PCB
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44122 PASTERNACK-PE44122 Datasheet
221Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE45338 PASTERNACK-PE45338 Datasheet
364Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Surface Mount PCB
PE45376 PASTERNACK-PE45376 Datasheet
361Kb / 4P
SSMC Jack Connector Solder Attachment Surface Mount PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com