Electronic Components Datasheet Search
  English  ▼

X  

PE44670 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44670
Description  RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44670 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44670 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44670 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240
Configuration
Connector
TNC Male Reverse Polarity
Connector Interface Type
RG8X,PE-C240,LMR-240
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.258 [31.95]
Width/Dia., in [mm]
0.59 [14.99]
.
Weight, lbs [g]
0.042 [19.05]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Phosphor Bronze, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240 PE44670
URL: http://www.pasternack.com/tnc-male-reverse-polarity-rg8x-pe-c240-0.240-connector-pe44670-p.aspx
PE44670
PE44670 REV 01
RP TNC Male Connector Crimp/Solder Attachment
For RG8X, PE-C240, LMR-240


Similar Part No. - PE44670

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4467 PASTERNACK-PE4467 Datasheet
92Kb / 1P
TNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44672 PASTERNACK-PE44672 Datasheet
214Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44674 PASTERNACK-PE44674 Datasheet
129Kb / 1P
50 OHM BNC FEMALE SOLDERCLAMP ATTACHMENT FOR RG401 PE-SR401AL PE-SR401FL
More results

Similar Description - PE44670

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4344 PASTERNACK-PE4344 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG8X, PE-C240
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
PE44676 PASTERNACK-PE44676 Datasheet
206Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, PE-C240, LMR-240
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44665 PASTERNACK-PE44665 Datasheet
206Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44636 PASTERNACK-PE44636 Datasheet
207Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com