Electronic Components Datasheet Search
  English  ▼

X  

PE44672 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44672
Description  RP TNC Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44672 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44672 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44672 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Crimp/Solder
Attachment For PE-C400, 0.400 inch
RP TNC Male Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
Configuration
Connector
TNC Male Reverse Polarity
Connector Interface Type
PE-C400,0.400 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.75 [44.45]
Width/Dia., in [mm]
0.59 [15]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Phosphor Bronze, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Male Connector Crimp/Solder Attachment For PE-C400, 0.400 inch from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Connector Crimp/Solder Attachment For PE-C400, 0.400 inch PE44672
URL: http://www.pasternack.com/tnc-male-reverse-polarity-pe-c400-0.400-connector-pe44672-p.aspx
PE44672
PE44672 REV


Similar Part No. - PE44672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4467 PASTERNACK-PE4467 Datasheet
92Kb / 1P
TNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 &RG196
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44671 PASTERNACK-PE44671 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44674 PASTERNACK-PE44674 Datasheet
129Kb / 1P
50 OHM BNC FEMALE SOLDERCLAMP ATTACHMENT FOR RG401 PE-SR401AL PE-SR401FL
More results

Similar Description - PE44672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44546 PASTERNACK-PE44546 Datasheet
287Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE4698 PASTERNACK-PE4698 Datasheet
259Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44534 PASTERNACK-PE44534 Datasheet
213Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44668 PASTERNACK-PE44668 Datasheet
217Kb / 2P
SMA Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44669 PASTERNACK-PE44669 Datasheet
221Kb / 2P
SMA Female Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com