Electronic Components Datasheet Search
  English  ▼

X  

PE44847 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44847
Description  TNC Female Right Angle Bulkhead Connector Crimp - Solder Attachment For PE-C200, LMR-200, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44847 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44847 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44847 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44847 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female Right Angle Bulkhead Connector Crimp/Solder Attachment For PE-C200, LMR-200,
.480 inch D Hole
Configuration
Connector
TNC Female
Connector Interface Type
PE-C200,LMR-200
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Dielectric Withstanding Voltage, Vrms
500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.75 [44.45]
Width/Dia., in [mm]
0.7 [17.78]
.
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Right Angle Bulkhead Connector Crimp/Solder Attachment For PE-C200, LMR-
200, .480 inch D Hole PE44847
PE44847
PE44847 REV 1.1
TNC Female Right Angle Bulkhead Connector Crimp/Solder
Attachment For PE-C200, LMR-200, .480 inch D Hole


Similar Part No. - PE44847

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4484 PASTERNACK-PE4484 Datasheet
262Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4484 PASTERNACK-PE4484 Datasheet
371Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44841 PASTERNACK-PE44841 Datasheet
253Kb / 2P
SMP Female Push-On Connector Solder Attachment For RG178, RG196
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
More results

Similar Description - PE44847

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4465 PASTERNACK-PE4465 Datasheet
258Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4151 PASTERNACK-PE4151 Datasheet
268Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4696 PASTERNACK-PE4696 Datasheet
266Kb / 2P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE44843 PASTERNACK-PE44843 Datasheet
270Kb / 3P
BNC Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE44844 PASTERNACK-PE44844 Datasheet
254Kb / 2P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE45047 PASTERNACK-PE45047 Datasheet
349Kb / 3P
N Female Bulkhead Mount Connector Crimp - Solder Attachment for LMR-200, PE-C200 IP 67
PE44845 PASTERNACK-PE44845 Datasheet
254Kb / 2P
SMA Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PE44804 PASTERNACK-PE44804 Datasheet
243Kb / 2P
TNC Male Connector with Delrin Insulator Crimp - Crimp Attachment For PE-C200, LMR-200
PE44846 PASTERNACK-PE44846 Datasheet
364Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com