Electronic Components Datasheet Search
  English  ▼

X  

PE44893 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44893
Description  RP TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44893 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44893 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44893 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44893 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
TNC Female Reverse Polarity
Connector Interface Type
Surface Mount
Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.23 in [31.24 mm]
Width/Dia.
0.74 in [18.80 mm]
.
Connector
Type
TNC Female Reverse Polarity
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount
PCB IP 67 Rated PE44893
PE44893
PE44893 REV 1.0
RP TNC Female Right Angle Bulkhead Mount Connector
Solder Attachment Surface Mount PCB IP 67 Rated


Similar Part No. - PE44893

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4489 PASTERNACK-PE4489 Datasheet
259Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4489 PASTERNACK-PE4489 Datasheet
348Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44892 PASTERNACK-PE44892 Datasheet
383Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
More results

Similar Description - PE44893

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44889 PASTERNACK-PE44889 Datasheet
378Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44892 PASTERNACK-PE44892 Datasheet
383Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
PE44894 PASTERNACK-PE44894 Datasheet
389Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Edge Mount PCB IP 67 Rated
PE44898 PASTERNACK-PE44898 Datasheet
405Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment for RG405 - U, PE-SR405FL, PE-SR405FLJ IP 67 Rated
PE44899 PASTERNACK-PE44899 Datasheet
427Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316/U, RG174A - U, RG188 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE4471 PASTERNACK-PE4471_16 Datasheet
345Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com