Electronic Components Datasheet Search
  English  ▼

X  

CHF5KP100A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # CHF5KP100A
Description  Patented Flip Chip Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CHF5KP100A Datasheet(HTML) 3 Page - Microsemi Corporation

  CHF5KP100A Datasheet HTML 1Page - Microsemi Corporation CHF5KP100A Datasheet HTML 2Page - Microsemi Corporation CHF5KP100A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MSC0997.PDF
ISO 9001 CERTIFIED
REV H 8/18/99
CHF5KP5.0 thru CHF5KP110CA
ELECTRICAL Characteristics @ 25
0C Unless otherwise specified
PART
NUMBERS
REVERSE
Stand - Off
Voltage
VWM
Breakdown
Voltage V(BR) @ IT
Maximum Clamping
Voltage
@IPP
(1 mSEC)
VC Volts
Maximum
Reverse
Leakage
@ VWM
Maximum
Peak-Pulse
Current
(Fig 3)
IPP
Maximum
Voltage
Temperature
Variation
of V(BR)
VOLTS
VOLTS MIN
mA
VOLTS
µA
AMPS
mV/
°C
CHF5KP5.0
CHF5KP5.0A
5
5
6.40
6.40
50
50
9.6
9.2
2000
2000
520
543
4.0
4.0
CHF5KP6.0
CHF5KP6.0A
6
6
6.67
6.67
50
50
11.4
10.3
5000
5000
439
485
4.0
4.0
CHF5KP6.5
CHF5KP6.5A
6.5
6.5
7.22
7.22
50
50
12.3
11.2
2000
2000
407
447
4.0
4.0
CHF5KP7.0
CHF5KP7.0A
7.0
7.0
7.78
7.78
50
50
13.3
12.0
1000
1000
378
417
5.0
5.0
CHF5KP7.5
CHF5KP7.5A
7.5
7.5
8.33
8.33
5
5
14.3
12.9
250
250
350
388
6.0
6.0
CHF5KP8.0
CHF5KP8.0A
8.0
8.0
8.89
8.89
5
5
15.0
13.6
150
150
333
367
6.0
6.0
CHF5KP8.5
CHF5KP8.5A
8.5
8.5
9.44
9.44
5
5
15.9
14.4
50
50
314
347
7.0
7.0
CHF5KP9.0
CHF5KP9.0A
9.0
9.0
10.0
10.0
5
5
16.9
15.4
20
20
295
325
8.0
8.0
CHF5KP10
CHF5KP10A
10
10
11.1
11.1
5
5
18.8
17.0
15
15
266
294
9.0
9.0
CHF5KP11
CHF5KP11A
11
11
12.2
12.2
5
5
20.1
18.2
10
10
249
274
10
10
CHF5KP12
CHF5KP12A
12
12
13.3
13.3
5
5
22.0
19.9
10
10
227
251
11
11
CHF5KP13
CHF5KP13A
13
13
14.4
14.4
5
5
23.8
21.5
10
10
210
232
12
12
CHF5KP14
CHF5KP14A
14
14
15.6
15.6
5
5
25.8
23.2
10
10
194
215
13
13
CHF5KP15
CHF5KP15A
15
15
16.7
16.7
5
5
26.9
24.4
10
10
188
206
15
15
CHF5KP16
CHF5KP16A
16
16
17.8
17.8
5
5
28.8
26.0
10
10
176
192
18
16
CHF5KP17
CHF5KP17A
17
17
18.9
18.9
5
5
30.5
27.6
10
10
164
181
19
18
CHF5KP18
CHF5KP18A
18
18
20.0
20.0
5
5
32.2
29.2
10
10
155
172
20
19
CHF5KP20
CHF5KP20A
20
20
22.2
22.2
5
5
35.8
32.4
10
10
139
154
24
22
CHF5KP22
CHF5KP22A
22
22
24.4
24.4
5
5
39.4
35.5
10
10
127
141
27
24
CHF5KP24
CHF5KP24A
24
24
26.7
26.7
5
5
43.0
38.9
10
10
116
128
30
27
CHF5KP26
CHF5KP26A
26
26
28.9
28.9
5
5
46.6
42.1
10
10
107
119
33
29
CHF5KP28
CHF5KP28A
28
28
31.1
31.1
5
5
50.1
45.5
10
10
99
110
34
30
CHF5KP30
CHF5KP30A
30
30
33.3
33.3
5
5
53.5
48.4
10
10
93
103
38
35
CHF5KP33
CHF5KP33A
33
33
36.7
36.7
5
5
59.0
53.3
10
10
85
94
41
38
CHF5KP36
CHF5KP36A
36
36
40.0
40.0
5
5
64.3
58.1
10
10
78
86
45
40
CHF5KP40
CHF5KP40A
40
40
44.4
44.4
5
5
71.4
64.5
10
10
70
78
50
45
CHF5KP43
CHF5KP43A
43
43
47.8
47.8
5
5
76.7
69.4
10
10
65
72
54
49
CHF5KP45
CHF5KP45A
45
45
50.0
50.0
5
5
80.3
72.7
10
10
62
69
57
51
CHF5KP48
CHF5KP48A
48
48
53.3
53.3
5
5
85.5
77.4
10
10
58
65
62
55
CHF5KP51
CHF5KP51A
51
51
56.7
56.7
5
5
91.1
82.4
10
10
55
61
65
60
CHF5KP54
CHF5KP54A
54
54
60.0
60.0
5
5
96.3
87.1
10
10
52
57
70
64
CHF5KP58
CHF5KP58A
58
58
64.4
64.4
5
5
103.0
93.6
10
10
49
53
77
69
CHF5KP60
CHF5KP60A
60
60
66.7
66.7
5
5
107.0
96.8
10
10
47
52
79
70
CHF5KP64
CHF5KP64A
64
64
71.1
71.1
5
5
114.0
103.0
10
10
44
49
85
75
CHF5KP70
CHF5KP70A
70
70
77.8
77.8
5
5
125
113
10
10
40
44
93
84
CHF5KP75
CHF5KP75A
75
75
83.3
83.3
5
5
134
121
10
10
37
41
100
90
CHF5KP78
CHF5KP78A
78
78
86.7
86.7
5
5
139
126
10
10
36
40
104
94
CHF5KP85
CHF5KP85A
85
85
94.4
94.4
5
5
151
137
10
10
33
36
113
102
CHF5KP90
CHF5KP90A
90
90
100
100
5
5
160
146
10
10
31
34
120
109
CHF5KP100
CHF5KP100A
100
100
111
111
5
5
179
162
10
10
28
31
134
122
CHF5KP110
CHF5KP110A
110
110
122
122
5
5
196
177
10
10
26
28
147
132
For bidirectional devices add a “C” (example CHF5KP6.8C and CHF5KP6.8CA are bidirectional devices)
“A” designates
± 5% tolerance; plain designates ± 10% tolerance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com