Electronic Components Datasheet Search
  English  ▼

X  

PE44903 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44903
Description  RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44903 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44903 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44903 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44903 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
TNC Female Reverse Polarity
Connector Specification
MIL-STD-348
Connector Interface Type
RG316/U, RG174, LMR-100
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range
-40 to +85 deg C
Size
Length
1.12 in [28.45 mm]
Width/Dia.
0.68 in [17.27 mm]
.
Connector
Type
TNC Female Reverse Polarity
Contact Material and Plating
Phosphor Bronze, Gold
Contact Plating Specification
30µ in. minimum
Hex Size
8-May in.
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316/U, RG174,
LMR-100 IP 67 Rated PE44903
PE44903
PE44903 REV 1
RP TNC Female Bulkhead Mount Connector Crimp/Solder
Attachment for RG316/U, RG174, LMR-100 IP 67 Rated


Similar Part No. - PE44903

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4490 PASTERNACK-PE4490 Datasheet
296Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4490 PASTERNACK-PE4490 Datasheet
317Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44901 PASTERNACK-PE44901 Datasheet
440Kb / 3P
TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
More results

Similar Description - PE44903

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE44893 PASTERNACK-PE44893 Datasheet
361Kb / 3P
RP TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
PE44894 PASTERNACK-PE44894 Datasheet
389Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Edge Mount PCB IP 67 Rated
PE44899 PASTERNACK-PE44899 Datasheet
427Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316/U, RG174A - U, RG188 IP 67 Rated
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44901 PASTERNACK-PE44901 Datasheet
440Kb / 3P
TNC Female Connector Clamp - Solder Attachment 4 Hole Flange Mount for RG316 - u, RG174A - U, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE45131 PASTERNACK-PE45131 Datasheet
357Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG316, RG174, LMR-100 IP67 Rated
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE45143 PASTERNACK-PE45143 Datasheet
346Kb / 3P
TNC Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com