Electronic Components Datasheet Search
  English  ▼

X  

196HVC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 2 Page - Vishay Siliconix

  196HVC_15 Datasheet HTML 1Page - Vishay Siliconix 196HVC_15 Datasheet HTML 2Page - Vishay Siliconix 196HVC_15 Datasheet HTML 3Page - Vishay Siliconix 196HVC_15 Datasheet HTML 4Page - Vishay Siliconix 196HVC_15 Datasheet HTML 5Page - Vishay Siliconix 196HVC_15 Datasheet HTML 6Page - Vishay Siliconix 196HVC_15 Datasheet HTML 7Page - Vishay Siliconix 196HVC_15 Datasheet HTML 8Page - Vishay Siliconix 196HVC_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 09-Sep-15
2
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
STACKED THROUGH HOLE CONFIGURATION (STH): Examples VERTICAL MOUNT
Fig. 1 - Form A2: Stacked Through Hole (example 4 cells, 2 pins) (1)
STACKED THROUGH HOLE CONFIGURATION (STH): Examples HORIZONTAL MOUNT
Fig. 2 - Form B2: Stacked Through Hole (example 5 cells, 2 pins) (1)
Fig. 3 - Form B3: Stacked Through Hole (example 4 cells, keyed polarity - 3 pins) (1)
Note
(1) Bottom and top are not isolated.
SELECTION CHART FOR CR, UR, AND FORM AT UPPER CATEGORY TEMPERATURE (UCT)
CR
(F)
FORM
UR (V)
1.4
2.8
4.2
5.6
7.0
8.4
4
A2
7.0 x 2.5
7.0 x 5.0
7.0 x 7.5
7.0 x 10.0
7.0 x 12.5
7.0 x 15.0
B2
7.0 x 2.5
7.0 x 5.0
7.0 x 7.5
7.0 x 10.0
7.0 x 12.5
7.0 x 15.0
B3
C
7.0 x 7.0 x 2.5
-
-
-
-
-
D
7.0 x 7.0 x 2.5
-
-
-
-
-
E
-
7.0 x 14.0 x 2.5
13.0 x 14.0 x 2.5
14.0 x 14.0 x 2.5
-
-
15
A2
12.0 x 2.5
12.0 x 5.0
12.0 x 7.5
12.0 x 10.0
12.0 x 12.5
12.0 x 15.0
B2
12.0 x 2.5
12.0 x 5.0
12.0 x 7.5
12.0 x 10.0
12.0 x 12.5
12.0 x 15.0
B3
C
12.0 x 12.0 x 2.5
-
-
-
-
-
D
12.0 x 12.0 x 2.5
-
-
-
-
-
E
-
12.0 x 24.0 x 2.5
22.0 x 24.0 x 2.5
24.0 x 24.0 x 2.5
-
-
F
14.5 x 12.0 x 2.5
14.5 x 24.0 x 2.5
14.5 x 36.0 x 2.5
14.5 x 48.0 x 2.5
14.5 x 60.0 x 2.5
14.5 x 72.0 x 2.5
90
G
-
35 x 25 x 7.5
35 x 25 x 10
35 x 25 x 15
-
-
H
L
max.
Ø D
max.
F
+
+
-
-
-
Ø 0.8
Ø 0.64
6
(2 x)
+ 0.5
- 0.5
L
max.
Ø D
max.
F
+
-
Ø 0.64
3.5
(2 x)
+ 0.5
- 0.5
L
max.
F
Ø 0.64 (3 x)
F
1
+
-
Ø D
max.
3.5
(3 x)
+ 0.5
- 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com