Electronic Components Datasheet Search
  English  ▼

X  

PE45177 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45177
Description  TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45177 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45177 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45177 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45177 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
TNC Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 4 GHz
Impedance
50 Ohms
Maximum Operating Voltage
500 Volts
Dielectric Withstanding Voltage
1,500 Vrms
Frequency 1
Frequency
DC to 1,000 MHz
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.425 in [36.2 mm]
Width/Dia.
0.689 in [17.50 mm]
.
Weight
0.041 lbs [18.6 g]
Connector
Type
TNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG188-DS, RG316-
DS, .480 inch D Hole PE45177
PE45177
PE45177 REV 1.0
TNC Female Bulkhead Mount Connector Crimp/Solder
Attachment for RG188-DS, RG316-DS, .480 inch D Hole


Similar Part No. - PE45177

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4517 PASTERNACK-PE4517 Datasheet
106Kb / 1P
C MALE CRIMP ATTAHCHMENT FOR RG58
PE4517 PASTERNACK-PE4517 Datasheet
317Kb / 3P
C Male Connector Crimp/Solder Attachment
PE45170 PASTERNACK-PE45170 Datasheet
372Kb / 3P
10-32 Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45171 PASTERNACK-PE45171 Datasheet
385Kb / 3P
10-32 Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45172 PASTERNACK-PE45172 Datasheet
381Kb / 2P
N Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45177

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4392 PASTERNACK-PE4392 Datasheet
94Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS &RG316-DS
PE4425 PASTERNACK-PE4425 Datasheet
113Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE4426 PASTERNACK-PE4426 Datasheet
115Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE44877 PASTERNACK-PE44877 Datasheet
266Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE44508 PASTERNACK-PE44508 Datasheet
214Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .268 inch D Hole
PE45189 PASTERNACK-PE45189 Datasheet
347Kb / 3P
Reverse Polarity SMA Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .235 inch D Hole
PE45157 PASTERNACK-PE45157 Datasheet
361Kb / 3P
SMC Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .177 inch D Hole
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
PE45175 PASTERNACK-PE45175 Datasheet
390Kb / 2P
TNC Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45181 PASTERNACK-PE45181 Datasheet
402Kb / 3P
Reverse Polarity TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com