Electronic Components Datasheet Search
  English  ▼

X  

PE45180 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45180
Description  Reverse Polarity TNC Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45180 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45180 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45180 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45180 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
TNC Male Reverse Polarity
Connector Specification
Mil-C-39012
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
1.23 in [31.24 mm]
Width/Dia.
0.59 in [14.99 mm]
.
Weight
0.034 lbs [15.42 g]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity TNC Male Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE45180
PE45180
PE45180 REV 1.0
Reverse Polarity TNC Male Connector Crimp/
Solder Attachment for RG188-DS, RG316-DS


Similar Part No. - PE45180

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4518 PASTERNACK-PE4518 Datasheet
107Kb / 1P
C MALE CRIMP ATTACHMENT
PE45181 PASTERNACK-PE45181 Datasheet
402Kb / 3P
Reverse Polarity TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
PE45182 PASTERNACK-PE45182 Datasheet
404Kb / 3P
Reverse Polarity BNC Female Connector Crimp/ Solder Attachment for RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45185 PASTERNACK-PE45185 Datasheet
365Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45180

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45167 PASTERNACK-PE45167 Datasheet
413Kb / 3P
N Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE45165 PASTERNACK-PE45165 Datasheet
356Kb / 3P
Reverse Thread SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45185 PASTERNACK-PE45185 Datasheet
365Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45186 PASTERNACK-PE45186 Datasheet
342Kb / 3P
Reverse Polarity SMA Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45174 PASTERNACK-PE45174 Datasheet
362Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45175 PASTERNACK-PE45175 Datasheet
390Kb / 2P
TNC Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45161 PASTERNACK-PE45161 Datasheet
414Kb / 3P
TNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45182 PASTERNACK-PE45182 Datasheet
404Kb / 3P
Reverse Polarity BNC Female Connector Crimp/ Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com