Electronic Components Datasheet Search
  English  ▼

X  

PE45181 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45181
Description  Reverse Polarity TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45181 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45181 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45181 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45181 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
TNC Female Reverse Polarity
Connector Interface Type
RG188-DS, RG316-DS
Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.3:1
Maximum Operating Voltage
500 Volts
Dielectric Withstanding Voltage
1,500 Vrms
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
1.422 in [36.12 mm]
Width/Dia.
0.689 in [17.50 mm]
.
Weight
0.048 lbs [21.77 g]
Connector
Type
TNC Female Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Reverse Polarity TNC Female Bulkhead Mount Connector Crimp/Solder Attachment for
RG188-DS, RG316-DS, .480 inch D Hole PE45181
PE45181
PE45181 REV 1.0
Reverse Polarity TNC Female Bulkhead Mount Connector Crimp/
Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole


Similar Part No. - PE45181

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4518 PASTERNACK-PE4518 Datasheet
107Kb / 1P
C MALE CRIMP ATTACHMENT
PE45180 PASTERNACK-PE45180 Datasheet
410Kb / 3P
Reverse Polarity TNC Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45182 PASTERNACK-PE45182 Datasheet
404Kb / 3P
Reverse Polarity BNC Female Connector Crimp/ Solder Attachment for RG188-DS, RG316-DS
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45185 PASTERNACK-PE45185 Datasheet
365Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE45181

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4425 PASTERNACK-PE4425 Datasheet
113Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE44877 PASTERNACK-PE44877 Datasheet
266Kb / 3P
N Female Bulkhead Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE44508 PASTERNACK-PE44508 Datasheet
214Kb / 3P
QMA Female Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .268 inch D Hole
PE45183 PASTERNACK-PE45183 Datasheet
342Kb / 3P
Reverse Polarity SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45186 PASTERNACK-PE45186 Datasheet
342Kb / 3P
Reverse Polarity SMA Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45189 PASTERNACK-PE45189 Datasheet
347Kb / 3P
Reverse Polarity SMA Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .235 inch D Hole
PE45175 PASTERNACK-PE45175 Datasheet
390Kb / 2P
TNC Female Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45177 PASTERNACK-PE45177 Datasheet
419Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS, .480 inch D Hole
PE45180 PASTERNACK-PE45180 Datasheet
410Kb / 3P
Reverse Polarity TNC Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45182 PASTERNACK-PE45182 Datasheet
404Kb / 3P
Reverse Polarity BNC Female Connector Crimp/ Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com