Electronic Components Datasheet Search
  English  ▼

X  

CF5008A1 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5008A1
Description  VCXO Module IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5008A1 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5008A1 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5008A1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CF5008A1
NIPPON PRECISION CIRCUITS—2
PAD LAYOUT
(Unit :
µm)
PAD DIMENSIONS
Chip size: 1.40
× 1.30 mm
Chip thickness: 220 ± 30 µm
Chip base: V DD level
(0,0)
(1400,1300)
Q
VDD
XT
VSS
INH
UNUSED1
UNUSED2
XT2
12
3
4
5
6
7
8
Number
Name
I/O
Description
P ad dimensions [µm]
XY
1
UNUSED1
–
Not used.
1 5 3
1112
2
UNUSED2
–
Not used.
4 2 5
1112
3X T 2
O
Oscillator output pin
6 6 0
1112
4
V D D
–
Supply voltage
8 6 5
1112
5
INH
I
Output-control input pin. Q signal output enabled when HIGH
or open. High-impedance output when LOW .
1202
1112
6
Q
O
Output pin
1245
152
7
X T
I
Oscillator input pin
3 4 6
1 8 8
8
V S S
–
Ground
155
188



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com