Electronic Components Datasheet Search
  English  ▼

X  

AP0202AT Datasheet(PDF) 53 Page - ON Semiconductor

Part # AP0202AT
Description  High-Dynamic Range Image Signal Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0202AT Datasheet(HTML) 53 Page - ON Semiconductor

Back Button AP0202AT Datasheet HTML 46Page - ON Semiconductor AP0202AT Datasheet HTML 47Page - ON Semiconductor AP0202AT Datasheet HTML 48Page - ON Semiconductor AP0202AT Datasheet HTML 49Page - ON Semiconductor AP0202AT Datasheet HTML 50Page - ON Semiconductor AP0202AT Datasheet HTML 51Page - ON Semiconductor AP0202AT Datasheet HTML 52Page - ON Semiconductor AP0202AT Datasheet HTML 53Page - ON Semiconductor AP0202AT Datasheet HTML 54Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
AP0202AT/D Rev. 4, Pub. 9/15 EN
53
©Semiconductor Components Industries, LLC, 2015.
AP0202AT: Image Signal Processor (ISP)
Revision History
Advance
Revision History
Rev. 3, Advance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9/15
• Changes throughout
Rev. 3, Advance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5/15/15
• Updated “Ordering Information,” on page 2
• Updated Table 1: “Key Performance Parameters,” on page 1
• Updated “Functional Overview” on page 6
• Updated Figure 6: “Hard Reset Operation,” on page 16
• Updated “Hard Standby Mode” on page 18
• Updated “Device Configuration” on page 19
• Updated “Usage Modes” on page 19
• Added “Crossbar” on page 38
• Updated “Supported SPI Devices” on page 43
• Updated Table 25, “I/O Timing Characteristics - Parallel Mode (2.8V VDD_IO)1.2,” on
page 45
• Updated Table 26, “I/O Timing Characteristics - Parallel Mode (1.8V VDD_IO)1.2,” on
page 46
• Updated Table 29, “Output Clocks,” on page 47
Rev. 2, Advance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10/23/14
• Added Overlay Information on page 1
• Updated Table 1: “Key Parameters,” on page 1
• Updated Table 2: “Available Part Numbers,” on page 1
• Added Figure 1: “AP0202AT Connectivity,” on page 6
• Expanded Figure 2: “Examples AP0202AT Connectivity,” on page 7
• Modified Figure 3: “Typical Parallel Configuration,” on page 8
• Modified Table 3: “Pin Descriptions,” on page 11
• Added Table 4: “Package Pinout,” on page 12
• Added “Power-Up Sequence” on page 13
• Updated Table 7, “Output States,” on page 15
• Updated Table 9, “Hard Standby Signal Timing,” on page 18
• Added “Camera Control and Auto Functions” on page 24
• Added“Output Formatting” on page 26
• Expanded “Slave Two-Wire Serial Interface (CCIS)” on page 39
• Deleted ASIL/ISO26262 Support Features
• Added Table 25, I/O Timing Characteristics - Parallel Mode (2.8V VDD_IO)1.2 and
Table 25, “I/O Timing Characteristics - Parallel Mode (2.8V VDD_IO)1.2,” on page 45
• Added Table 27: “DC Electrical Characteristics,” on page 46
• Added Table 28: “Input Clocks,” on page 46
• Added Table 29: “Output Clocks,” on page 47
• Added Table 30: “Trigger Timing,” on page 48
• Added Table 31: “Standby Current Consumption,” on page 48
• Added Table 32: “Inrush Current,” on page 48
• Added Operating Current Consumption on page 49
• Added Two-Wire Serial Register Interface on page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com