Electronic Components Datasheet Search
  English  ▼

X  

CS8164 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8164
Description  8V/5V Low Dropout Dual Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8164 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8164 Datasheet HTML 1Page - ON Semiconductor CS8164 Datasheet HTML 2Page - ON Semiconductor CS8164 Datasheet HTML 3Page - ON Semiconductor CS8164 Datasheet HTML 4Page - ON Semiconductor CS8164 Datasheet HTML 5Page - ON Semiconductor CS8164 Datasheet HTML 6Page - ON Semiconductor CS8164 Datasheet HTML 7Page - ON Semiconductor CS8164 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Two Regulated Outputs
Primary Output
8V ±5%; 750mA
Secondary Output
5V ±2%; 100mA
s
Low Dropout Voltage
s
ON/OFF Control
Option
s
Standby Quiescent Drain
(<2mA)
s
Protection Features
Reverse Battery
60V Peak Transient
Voltage
-50V Reverse Transient
Short Circuit
Thermal Shutdown
Package Options
5 Lead TO-220
Tab (Gnd)
1
8V/5V Low Dropout Dual Regulator
with ENABLE
CS8164
Description
Block Diagram
Absolute Maximum Ratings
1VIN
2VOUT1
3 Gnd
4 ENABLE
5VOUT2
December, 2001 - Rev. 4
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS8164 is a low dropout, dual
8V/5V linear regulator. The secondary
5V/100mA output is used for powering
systems with standby memory.
Quiescent current drain is less than
2mA when supplying 10mA loads from
the standby regulator.
In automotive applications, the CS8164
and all regulated circuits are protected
from reverse battery installations, as
well as high voltage transients. During
line transients, such as a 60V load
dump, the 750mA output will automat-
ically shutdown to protect both internal
circuits and the load, while the sec-
ondary regulator continues to power
any standby load.
The on board ENABLE function con-
trols the regulator's primary output.
When ENABLE is in the low state, the
regulator is placed in STANDBY mode
where it draws 2mA (typ) quiescent
current.
The CS8164 is packaged in a 5-lead
TO-220, with copper tab for connection
to a heat sink, if necessary.
DC Input Voltage.............................................................................-0.5V to 26V
Transient Peak Voltage (46V Load Dump) .................................................60V
Internal Power Dissipation ..................................................Internally Limited
Operating Temperature Range................................................-40°C to +125°C
Junction Temperature Range...................................................-40°C to +150°C
Storage Temperature Range ....................................................-65°C to +150°C
Reverse Polarity VOUT1 Input Voltage, DC ................................................-18V
Reverse Polarity Input Voltage, Transient ................................................-50V
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260°C peak
VIN
VOUT2
Gnd
VOUT1
ENABLE
Output
Current
Limit
+
-
Output
Current
Limit
Over Voltage
Shutdown
Primary Output
Standby Output
+
-
Thermal
Shutdown
Bandgap
Reference
+
-


Similar Part No. - CS8164

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
logo
Hubbell Incorporated.
CS8164C HUBBELL-CS8164C Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
logo
Cherry Semiconductor Co...
CS8164YT5 CHERRY-CS8164YT5 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8164YTHA5 CHERRY-CS8164YTHA5 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8164YTVA5 CHERRY-CS8164YTVA5 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
More results

Similar Description - CS8164

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
5V AND 8V VOLTAGE REGULATOR
Sep-2003
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
5V Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com