Electronic Components Datasheet Search
  English  ▼

X  

LX1553 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1553
Description  ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1553 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1553 Datasheet HTML 9Page - Microsemi Corporation LX1553 Datasheet HTML 10Page - Microsemi Corporation LX1553 Datasheet HTML 11Page - Microsemi Corporation LX1553 Datasheet HTML 12Page - Microsemi Corporation LX1553 Datasheet HTML 13Page - Microsemi Corporation LX1553 Datasheet HTML 14Page - Microsemi Corporation LX1553 Datasheet HTML 15Page - Microsemi Corporation LX1553 Datasheet HTML 16Page - Microsemi Corporation LX1553 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
LX1552/3/4/5
PRODUCT D A T ABOOK 1996/1997
13
Copyright © 1994
Rev. 1.0a
1/01
P RODUCTION
D ATA
S HEET
THEO R Y OF OPER A TION
VOLTAGE REFERENCE
The voltage reference is a low drift bandgap design which
provides +5.0V to supply charging current to the oscillator timing
capacitor, as well as supporting internal circuitries.
Initial
accuracy for all devices are specified at ±1% max., which is a 2x
improvement for the commercial product when compared to the
SG384x series. The reference is capable of providing in excess
of 20mA for powering any external control circuitries and has
built-in short circuit protection.
FIGURE 25 — SIMPLIFIED SCHEMATIC OF OSCILLATOR SECTION
OSCILLATOR
The oscillator circuit is designed such that discharge current and
valley voltage are trimmed independently. This results in more
accurate initial oscillator frequency and maximum output duty
cycle, especially important in LX1552/53 applications.
The
oscillator is programmed by the values selected for the timing
components (R
T) and (CT). A simplified schematic of the oscillator
is shown in Figure 25. The operation is as follows; Capacitor (C
T)
is charged from the 5V reference thru resistor (R
T) to a peak
voltage of 2.7V nominally.
Once the voltage reaches this
threshold, comparator (A1) changes state, causing (S1) to switch
to position (2) and (S2) to (V
V) position.
This will allow the
capacitor to discharge with a current equal to the difference
between a constant discharge current (I
D) and current through
charging resistor (I
R),
until the voltage drops down to 1V
nominally and the comparator changes state again, repeating the
cycle. Oscillator charge time results in the output to be in a high
state (on time) and discharge time sets it to a low state (off time).
Since the oscillator period is the sum of the charge and discharge
time, any variations in either of them will ultimately affect stability
of the output frequency and the maximum duty cycle. In fact, this
FIGURE 24 — REFERENCE VOLTAGE vs. TEMPERATURE
4.95
4.99
(T
A)
Ambient Temperature - (°C)
4.97
5.00
4.96
5.01
5.02
4.98
-75
-50
-25
0
25
50
75
100
125
5.03
V
CC = 15V
I
L = 1mA
FIGURE 26 — DUTY CYCLE VARIATION vs. DISCHARGE CURRENT
20
60
(R
T)
Timing Resistor - ( )
100
40
70
600
700
800
900
1000
T
A = 25°C
V
P = 2.7V
V = 1V
V
REF = 5V
30
80
90
50
I
d = 7.5mA
I
d = 8.0mA
I
d = 8.6mA
I
d = 9.3mA
SG384x Lower Limit
LX155x Limits
SG384x Upper Limit
C
T
R
T
I
R
REF
5V
R
T/CT
I
D = 8.3mA
2
1
OPEN
2.8V
1.1V
S2
V
P
V
V
S1
A1
TO OUTPUT
STAGE
variation is more pronounced when maximum duty cycle has to
be limited to 50% or less. This is due to the fact that for longer
output off time, capacitor discharge current (I
D - IR) must be
decreased by increasing I
R.
Consequently, this increases the
sensitivity of the frequency and duty cycle to any small variations
of the internal current source (I
D), making this parameter more
critical under those conditions. Because this is a desired feature
in many applications, this parameter is trimmed to a nominal
current value of 8.3±0.3mA at room temperature, and guaranteed
to a maximum range of 7.8 to 8.8mA over the specified ambient
temperature range. Figure 26 shows variation of oscillator duty
cycle versus discharge current for LX155x and SG384x series
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com