Electronic Components Datasheet Search
  English  ▼

X  

SSF1007 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF1007
Description  100V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF1007 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF1007_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF1007_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF1007_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF1007_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF1007_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF1007
100V N-Channel MOSFET
www.goodark.com
Page 2 of 5
Rev.1.0
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max
Units
Conditions
BVDSS
Drain-to-Source breakdown
voltage
100
—
—
V
VGS = 0V,
ID = 250μA
RDS(on)
Static Drain-to-Source
on-resistance
—
5
6
mΩ
VGS = 10V,
ID = 75A③
VGS(th)
Gate threshold voltage
2
—
4
V
VDS = VGS,
ID = 250μA
—
—
20
VDS = 100V,
VGS = 0V
IDSS
Drain-to-Source leakage current
—
—
250
μA
VDS = 80V,
VGS = 0V,
TJ = 125°C
Gate-to-Source forward leakage
—
—
100
VGS = 20V
IGSS
Gate-to-Source reverse leakage
—
—
-100
nA
VGS = -20V
Qg
Total gate charge
—
243
170
Qgs
Gate-to-Source charge
—
47
—
Qgd
Gate-to-Drain("Miller") charge
—
92
—
nC
ID = 75A
VDS = 50V
VGS = 10V③
td(on)
Turn-on delay time
—
28
—
tr
Rise time
—
108
—
td(off)
Turn-Off delay time
—
123
—
tf
Fall time
—
120
—
ns
VDD = 65V
ID = 75A
RG = 2.7 Ω
VGS = 10V③
Ciss
Input capacitance
—
8456
—
Coss
Output capacitance
—
454
—
Crss
Reverse transfer capacitance
—
417
—
pF
VGS = 0V
VDS = 50V
ƒ = 500KHz
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max
Units
Conditions
IS
Continuous Source
Current (Body Diode)
—
—
130
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode) ①
—
—
520
A
TJ = 25°C, IS = 75A, VGS = 0V③
VSD
Diode Forward Voltage
—
1.3
V
TJ = 25°C, IF = 75A, VDD = 20V
di/dt = 100A/μs③
trr
Reverse Recovery
Time
—
57
70
ns
Qrr
Reverse Recovery
Charge
—
156
170
nC
TJ = 25°C, IF = 75A,Vgs=0V
di/dt = 100A/μs③
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com