Electronic Components Datasheet Search
  English  ▼

X  

LX1665ACDW Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1665ACDW
Description  DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1665ACDW Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1665ACDW Datasheet HTML 5Page - Microsemi Corporation LX1665ACDW Datasheet HTML 6Page - Microsemi Corporation LX1665ACDW Datasheet HTML 7Page - Microsemi Corporation LX1665ACDW Datasheet HTML 8Page - Microsemi Corporation LX1665ACDW Datasheet HTML 9Page - Microsemi Corporation LX1665ACDW Datasheet HTML 10Page - Microsemi Corporation LX1665ACDW Datasheet HTML 11Page - Microsemi Corporation LX1665ACDW Datasheet HTML 12Page - Microsemi Corporation LX1665ACDW Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
LX1664/1664A, LX1665/65A
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.2 11/99
P RODUCTION D ATA S HEET
APPLICA TION INFORMATION
FIGURE 6 — LX1664 In A Pentium / Socket 7 Single-Chip Power Supply Controller Solution (Synchronous)
SS
TDRV
V
CC
INV
V
CC_CORE
VID0
VID1
VID2
VID3
L
DRV
C
T
BDRV
GND
V
C1
U1
LX1664
VID3
C
5
1µF
12V
R
1
V
OUT
5V
16-pin
Narrow Body SOIC
Q
1
IRL3102
L
1, 2.5µH
6.3V, 1500µF x 3**
14
13
12
11
10
9
1
2
3
4
5
6
7
C
8
680pF
VID2
VID1
VID0
VID4
C
3
0.1µF
2.5m
9
Supply Voltage
for CPU Core
6.3V
1500µF x3
** Three capacitors for Pentium
Four capacitors for Pentium II
VID4
L
FB
Supply Voltage
For I/O Chipset or GTL+ Bus
8
16
15
Q
2
IRL3303
C
2
C
1
Q
4
IRLZ44
R
5
R
6
C
7
330µF
C
9
330µF
FIGURE 7 — LX1664 In A Non-Synchronous / Socket 7 Power Supply Application
SS
TDRV
V
CC
INV
V
CC_CORE
VID0
VID1
VID2
VID3
L
DRV
C
T
BDRV
GND
V
C1
U1
LX1664
VID3
C
5
1µF
12V
R
1
V
OUT
5V
16-pin
Narrow Body SOIC
Q
1
IRL3102
L
1, 5µH
6.3V, 1500µF x 3**
14
13
12
11
10
9
1
2
3
4
5
6
7
C
8
680pF
VID2
VID1
VID0
VID4
C
3
0.1µF
0.005
Supply Voltage
for CPU Core
6.3V
1500µF x3
** Three capacitors for Pentium
Four capacitors for Pentium II
VID4
L
FB
D
1
Supply Voltage
For I/O Chipset or GTL+ Bus
8
16
15
C
2
C
1
Q
4
IRLZ44
R
5
R
6
C
7
330µF
C
9
330µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com