Electronic Components Datasheet Search
  English  ▼

X  

LX432CLP Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX432CLP
Description  LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432CLP Datasheet(HTML) 6 Page - Microsemi Corporation

  LX432CLP Datasheet HTML 1Page - Microsemi Corporation LX432CLP Datasheet HTML 2Page - Microsemi Corporation LX432CLP Datasheet HTML 3Page - Microsemi Corporation LX432CLP Datasheet HTML 4Page - Microsemi Corporation LX432CLP Datasheet HTML 5Page - Microsemi Corporation LX432CLP Datasheet HTML 6Page - Microsemi Corporation LX432CLP Datasheet HTML 7Page - Microsemi Corporation LX432CLP Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
LX432
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
9/99
6
P RODUCTION D ATA S HEET
CHARACTERISTIC CUR VES
FIGURE 5 — Dynamic Impedance vs. Junction Temperature
FIGURE 6 — Minimum Cathode Current for Regulation
vs. Junction Temperature
FIGURE 7 — Off-State Current vs. Junction Temperature
FIGURE 8 — Equivalent Input Noise Voltage vs. Frequency
0.000
0.200
0.400
0.600
0.800
1.000
-40 -30 -20 -10
0
1020 30405060
708090
TJ : Junction Temperature ( C)
0
20
40
60
80
100
120
-40 -30 -20 -10
0
1020
304050
607080
90
TJ : Junction Temperature ( C)
0.000
0.002
0.004
0.006
0.008
0.010
0.012
-40 -30 -20 -10 0
1020 304050 6070 8090
TJ : Junction Temperature ( C)
150
200
250
300
350
10
100
1K
10K
100K
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com