Electronic Components Datasheet Search
  English  ▼

X  

PE91088 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91088
Description  Low PIM 7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91088 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91088 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91088 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91088 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Low PIM 7/16 DIN Male to 4.1/9.5 Mini DIN Male Adapter from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 7/16 DIN Male to 4.1/9.5 Mini DIN Male Adapter PE91088
URL: http://www.pasternack.com/7-16-male-4.1-9.5-mini-din-male-straight-adapter-pe91088-p.aspx
PE91088
PE91088 REV 1.1
Low PIM 7/16 DIN Male to 4.1/9.5 Mini DIN Male Adapter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com