Electronic Components Datasheet Search
  English  ▼

X  

PE91090 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91090
Description  Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91090 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91090 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91090 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91090 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
7/16 DIN Female
Impedance 1
50 Ohms
Connector 2
4.1/9.5 Mini DIN Male
Impedance 2
50 Ohms
Adapter Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.25:1
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.1:1
Frequency 2
Frequency, GHz
3 to 4
VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
2.03 [51.56]
Width/Dia., in [mm]
1.14 [28.96]
.
Connector 1
Type
7/16 DIN Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Outer Conductor Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
4.1/9.5 Mini DIN Male
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
22
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-40 to +120 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 7/16 DIN Female to 4.1/9.5 Mini DIN Male Adapter PE91090
PE91090
PE91090 REV 1.1
Low PIM 7/16 DIN Female to 4.1/9.5 Mini DIN Male Adapter


Similar Part No. - PE91090

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE91091 PASTERNACK-PE91091 Datasheet
240Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter
PE91092 PASTERNACK-PE91092 Datasheet
202Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Male Adapter
PE91093 PASTERNACK-PE91093 Datasheet
240Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Female Adapter
More results

Similar Description - PE91090

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91088 PASTERNACK-PE91088 Datasheet
360Kb / 3P
Low PIM 7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter
PE91089 PASTERNACK-PE91089 Datasheet
241Kb / 3P
Low PIM 7/16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter
PE91091 PASTERNACK-PE91091 Datasheet
240Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter
PE91093 PASTERNACK-PE91093 Datasheet
240Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Female Adapter
PE91094 PASTERNACK-PE91094 Datasheet
239Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Female to N Male Adapter
PE91207 PASTERNACK-PE91207 Datasheet
361Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91209 PASTERNACK-PE91209 Datasheet
359Kb / 3P
7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91244 PASTERNACK-PE91244 Datasheet
359Kb / 3P
7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91246 PASTERNACK-PE91246 Datasheet
359Kb / 3P
7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com