Electronic Components Datasheet Search
  English  ▼

X  

PE91093 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91093
Description  Low PIM 4.1 - 9.5 Mini DIN Male to N Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91093 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91093 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91093 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91093 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Low PIM 4.1/9.5 Mini DIN Male to N Female Adapter
Configuration
Connector 1
4.1/9.5 Mini DIN Male
Impedance 1
50 Ohms
Connector 2
N Female
Impedance 2
50 Ohms
Adapter Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Maximum VSWR
1.25:1
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.1:1
Frequency 2
Frequency, GHz
3 to 4
VSWR
1.15:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +120
Size
Length, in [mm]
1.9 [48.26]
Width/Dia., in [mm]
0.86 [21.84]
.
Connector 1
Type
4.1/9.5 Mini DIN Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
22
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
N Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 4.1/9.5 Mini DIN Male to N Female Adapter PE91093
PE91093
PE91093 REV 1.0
Low PIM 4.1/9.5 Mini DIN Male to N Female Adapter


Similar Part No. - PE91093

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE91090 PASTERNACK-PE91090 Datasheet
358Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter
PE91091 PASTERNACK-PE91091 Datasheet
240Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter
PE91092 PASTERNACK-PE91092 Datasheet
202Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Male Adapter
More results

Similar Description - PE91093

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91088 PASTERNACK-PE91088 Datasheet
360Kb / 3P
Low PIM 7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter
PE91089 PASTERNACK-PE91089 Datasheet
241Kb / 3P
Low PIM 7/16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter
PE91090 PASTERNACK-PE91090 Datasheet
358Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter
PE91091 PASTERNACK-PE91091 Datasheet
240Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter
PE91092 PASTERNACK-PE91092 Datasheet
202Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Male Adapter
PE91094 PASTERNACK-PE91094 Datasheet
239Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Female to N Male Adapter
PE91095 PASTERNACK-PE91095 Datasheet
239Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Female to N Female Adapter
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
PE3C5843 PASTERNACK-PE3C5843 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Female to N Male Low PIM Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com