Electronic Components Datasheet Search
  English  ▼

X  

PE91094 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91094
Description  Low PIM 4.1 - 9.5 Mini DIN Female to N Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91094 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91094 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91094 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91094 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Low PIM 4.1/9.5 Mini DIN Female to N Male Adapter
Configuration
Connector 1
4.1/9.5 Mini DIN Female
Impedance 1
50 Ohms
Connector 2
N Male
Impedance 2
50 Ohms
Adapter Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Maximum VSWR
1.25:1
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.1:1
Frequency 2
Frequency, GHz
3 to 4
VSWR
1.15:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +120
Size
Length, in [mm]
1.8 [45.72]
Width/Dia., in [mm]
0.78 [19.81]
.
Connector 1
Type
4.1/9.5 Mini DIN Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Outer Conductor Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
N Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 4.1/9.5 Mini DIN Female to N Male Adapter PE91094
PE91094
PE91094 REV 1.0
Low PIM 4.1/9.5 Mini DIN Female to N Male Adapter


Similar Part No. - PE91094

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE91090 PASTERNACK-PE91090 Datasheet
358Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter
PE91091 PASTERNACK-PE91091 Datasheet
240Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter
PE91092 PASTERNACK-PE91092 Datasheet
202Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Male Adapter
More results

Similar Description - PE91094

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91088 PASTERNACK-PE91088 Datasheet
360Kb / 3P
Low PIM 7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter
PE91089 PASTERNACK-PE91089 Datasheet
241Kb / 3P
Low PIM 7/16 DIN Male to 4.1 - 9.5 Mini DIN Female Adapter
PE91090 PASTERNACK-PE91090 Datasheet
358Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Male Adapter
PE91091 PASTERNACK-PE91091 Datasheet
240Kb / 3P
Low PIM 7/16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter
PE91092 PASTERNACK-PE91092 Datasheet
202Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Male Adapter
PE91093 PASTERNACK-PE91093 Datasheet
240Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Male to N Female Adapter
PE91095 PASTERNACK-PE91095 Datasheet
239Kb / 3P
Low PIM 4.1 - 9.5 Mini DIN Female to N Female Adapter
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
PE3C5843 PASTERNACK-PE3C5843 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Female to N Male Low PIM Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com