Electronic Components Datasheet Search
  English  ▼

X  

LX5202 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5202
Description  18-LINE, 關 POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5202 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5202 Datasheet HTML 1Page - Microsemi Corporation LX5202 Datasheet HTML 2Page - Microsemi Corporation LX5202 Datasheet HTML 3Page - Microsemi Corporation LX5202 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
18-LINE , µP OWER SCSI T ERMINAT O R
LX5202
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1998
Rev. 1.9
3/98
P RODUCTION D AT A S HEET
Terminator Impedance
I
TERM = -5mA to -15mA
Terminator Output High Voltage
Max. Output Current
V
OUT = 0.5V, T A = 25°C
V
OUT = 0.5V, 0°C ≤ TA ≤ 70°C
V
OUT = 0.5V, V TERM = 4V, TA = 25°C
V
OUT = 0.5V, V TERM = 4V, 0°C ≤ TA ≤ 70°C
Output Leakage
Disconnect = Open, V
TERM = 0V to 5.25V
Output Capacitance
Disconnect = Open
Sink Current
V
OUT = 4V
TermPwr Voltage
V
TERM
Signal Line Voltage
Disconnect Input Voltage
Output Capacitance on REGOUT
Operating Virtual Junction Temperature Range
LX5202C
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
4
5.25
V
05
V
0V
TERM
V
4.7
µF
070
°C
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperature range of 0°C
≤ T
A ≤ 70°C.
TermPwr = 4.75V, Discon-
nect = 0V. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX5202
Min.
Typ.
Max.
0.8
1.5
mA
390
430
mA
60
100
µA
Supply Current Section
TermPwr Supply Current
All term lines = Open
All term lines = 0.5V
Power Down Mode
Disconnect = Open
100
110
120
Ω
2.7
2.9
V
-20.3
-21.8
-23
mA
-19.0
-21.8
-23
mA
-19.5
-21.8
-23
mA
-18.0
-21.8
-23
mA
10
400
nA
6pF
58
70
mA
Output Section (Terminator Lines)
3.6
V
10
20
mV
20
50
mV
0.45
1.0
V
-700
-1000
mA
150
°C
Regulator Section
Regulator Output Voltage
Line Regulation
V
TERM = 4V to 6V
Load Regulation
I
REG = 0 to -100mA
Drop Out Voltage
I
REG = -100mA
Short Circuit Current
V
REG = 0V
Thermal Shutdown
0.8
2.0
V
40
µA
Disconnect Section
Disconnect Threshold
Input Current
Disconnect = 0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com