Electronic Components Datasheet Search
  English  ▼

X  

PE91118 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91118
Description  Precision 1.0mm Male to 1.85mm Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91118 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91118 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91118 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91118 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 1.0mm Male to 1.85mm Male Adapter
Configuration
Connector 1
1.0mm Male
Impedance 1
50 Ohms
Connector 2
1.85mm Male
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 65
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.695 [17.65]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
1.0mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50µ Inches
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PEI
Connector 2
Type
1.85mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50 µ inches
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Hex Size, Inch
5/16
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PEI
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 1.0mm Male to 1.85mm Male Adapter PE91118
PE91118
PE91118 REV 1.0
Precision 1.0mm Male to 1.85mm Male Adapter


Similar Part No. - PE91118

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results

Similar Description - PE91118

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9667 PASTERNACK-PE9667 Datasheet
151Kb / 1P
2.9mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9672 PASTERNACK-PE9672 Datasheet
83Kb / 1P
1.85mm MALE TO 2.4mm MALE PRECISION ADAPTER
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9716 PASTERNACK-PE9716 Datasheet
84Kb / 1P
1.85mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9746 PASTERNACK-PE9746 Datasheet
84Kb / 1P
3.5mm MALE TO 1.85mm MALE PRECISION ADAPTER
logo
List of Unclassifed Man...
V206 ETC2-V206 Datasheet
93Kb / 1P
1.85MM MALE STRAIGHT TO 1.85MM MALE ADAPTER
logo
Pasternack Enterprises,...
PE91108 PASTERNACK-PE91108 Datasheet
503Kb / 3P
Precision 1.0mm Male to 1.85mm Female Adapter
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
Precision 1.0mm Female to 1.85mm Female Adapter
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
Precision 1.0mm Female to 1.85mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com