Electronic Components Datasheet Search
  English  ▼

X  

PE91119 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91119
Description  Precision 1.0mm Female to 1.85mm Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91119 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91119 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91119 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91119 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 1.0mm Female to 1.85mm Male Adapter
Configuration
Connector 1
1.0mm Female
Impedance 1
50 Ohms
Connector 2
1.85mm Male
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 65
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.7 [17.78]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
1.0mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50µ Inches
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PEI
Connector 2
Type
1.85mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50 µ inches
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Hex Size, Inch
5/16
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PEI
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 1.0mm Female to 1.85mm Male Adapter PE91119
PE91119
PE91119 REV 1.0
Precision 1.0mm Female to 1.85mm Male Adapter


Similar Part No. - PE91119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results

Similar Description - PE91119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9665 PASTERNACK-PE9665 Datasheet
250Kb / 2P
Precision 2.92mm Female to 1.85mm Male Adapter
PE9666 PASTERNACK-PE9666 Datasheet
249Kb / 3P
Precision 2.92mm Male to 1.85mm Female Adapter
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9728 PASTERNACK-PE9728 Datasheet
254Kb / 2P
Precision SMA Male to 1.85mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9762 PASTERNACK-PE9762 Datasheet
256Kb / 3P
Precision 1.85mm Male to SSMA Female Adapter
PE91108 PASTERNACK-PE91108 Datasheet
503Kb / 3P
Precision 1.0mm Male to 1.85mm Female Adapter
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
Precision 1.0mm Female to 1.85mm Female Adapter
PE91118 PASTERNACK-PE91118 Datasheet
250Kb / 3P
Precision 1.0mm Male to 1.85mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com