Electronic Components Datasheet Search
  English  ▼

X  

PE91144 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91144
Description  Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91144 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91144 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91144 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91144 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
2.92mm NMD Female
Impedance 1
50 Ohms
Connector 2
2.4mm Female
Impedance 2
50 Ohms
Adapter Design
Ruggedized
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 40 GHz
Maximum VSWR
1.35:1
Frequency 1
Frequency, GHz
DC to 7
VSWR
1.04:1
Frequency 2
Frequency, GHz
7 to 18
VSWR
1.1:1
Frequency 3
Frequency, GHz
18 to 30
VSWR
1.2:1
Frequency 4
Frequency, GHz
30 to 40
VSWR
1.35:1
Mechanical Specifications
Size
Length, in [mm]
1.43 [36.32]
Width/Dia., in [mm]
0.86 [21.84]
.
Connector 1
Type
2.92mm NMD Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PSU
Connector 2
Type
2.4mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter PE91144
PE91144
PE91144 REV 1
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter


Similar Part No. - PE91144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9114 PASTERNACK-PE9114 Datasheet
249Kb / 3P
UHF Female to UHF Female Bulkhead Adapter
PE91140 PASTERNACK-PE91140 Datasheet
356Kb / 4P
Low PIM N Female to N Female Adapter With Body Flats
PE91141 PASTERNACK-PE91141 Datasheet
353Kb / 3P
N Female to N Female Adapter With Body Flats
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
PE91146 PASTERNACK-PE91146 Datasheet
345Kb / 3P
Ruggedized 2.4mm NMD Female to SMA Female Adapter
More results

Similar Description - PE91144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
Precision 2.92mm Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
PE91148 PASTERNACK-PE91148 Datasheet
361Kb / 3P
Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter
PE91295 PASTERNACK-PE91295 Datasheet
340Kb / 3P
2.92mm Female to 2.4mm Female Adapter
PE91296 PASTERNACK-PE91296 Datasheet
341Kb / 3P
2.92mm Female to 2.4mm Male Adapter
PE91297 PASTERNACK-PE91297 Datasheet
340Kb / 3P
2.92mm Male to 2.4mm Female Adapter
PE91146 PASTERNACK-PE91146 Datasheet
345Kb / 3P
Ruggedized 2.4mm NMD Female to SMA Female Adapter
PE91147 PASTERNACK-PE91147 Datasheet
346Kb / 3P
Ruggedized 3.5mm NMD Female to SMA Female Adapter
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
Adapter 2.92mm NMD-M to 2.92mm-NMD-F
KMNMD-24MNMD MINI-KMNMD-24MNMD Datasheet
209Kb / 2P
Adapter 2.92mm NMD-M to 2.4mm-NMD-M
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com