Electronic Components Datasheet Search
  English  ▼

X  

PE91148 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91148
Description  Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91148 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91148 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91148 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91148 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
3.5mm NMD Female
Impedance 1
50 Ohms
Connector 2
2.4mm Female
Impedance 2
50 Ohms
Adapter Design
Ruggedized
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 33 GHz
Maximum VSWR
1.25:1
Frequency 1
Frequency, GHz
DC to 4
VSWR
1.05:1
Frequency 2
Frequency, GHz
4 to 18
VSWR
1.1:1
Frequency 3
Frequency, GHz
18 to 22
VSWR
1.2:1
Frequency 4
Frequency, GHz
22 to 33
VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
1.4 [35.56]
Width/Dia., in [mm]
0.86 [21.84]
.
Connector 1
Type
3.5mm NMD Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PSU
Connector 2
Type
2.4mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter PE91148
PE91148
PE91148 REV 1.0
Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter


Similar Part No. - PE91148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9114 PASTERNACK-PE9114 Datasheet
249Kb / 3P
UHF Female to UHF Female Bulkhead Adapter
PE91140 PASTERNACK-PE91140 Datasheet
356Kb / 4P
Low PIM N Female to N Female Adapter With Body Flats
PE91141 PASTERNACK-PE91141 Datasheet
353Kb / 3P
N Female to N Female Adapter With Body Flats
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
More results

Similar Description - PE91148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
Precision 3.5mm Female to 2.4mm Female Adapter
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
PE91146 PASTERNACK-PE91146 Datasheet
345Kb / 3P
Ruggedized 2.4mm NMD Female to SMA Female Adapter
PE91147 PASTERNACK-PE91147 Datasheet
346Kb / 3P
Ruggedized 3.5mm NMD Female to SMA Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com