Electronic Components Datasheet Search
  English  ▼

X  

PE91195 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91195
Description  4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91195 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91195 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91195 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91195 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female Adapter IP67 Mated from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female Adapter IP67 Mated PE91195
URL: http://www.pasternack.com/4.1-9.5-mini-din-male-4.1-9.5-mini-din-female-straight-adapter-pe91195-p.aspx
PE91195
PE91195 REV 1.0
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN
Female Adapter IP67 Mated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com