Electronic Components Datasheet Search
  English  ▼

X  

PE91196 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91196
Description  4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91196 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91196 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91196 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91196 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
4.1/9.5 Mini DIN Female
Impedance 1
50 Ohms
Connector 2
4.1/9.5 Mini DIN Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 6 GHz
Maximum VSWR
1.25:1
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.1:1
Frequency 2
Frequency, GHz
3 to 4
VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.598 [40.59]
.
Connector 1
Type
4.1/9.5 Mini DIN Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Connector 2
Type
4.1/9.5 Mini DIN Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Environmental Specifications
Temperature
Operating Range
-55 to +120 deg C
Ingress Protection
IP67 Mated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.1/9.5 Mini DIN Female to 4.1/9.5 Mini DIN Female Adapter IP67 Mated PE91196
PE91196
PE91196 REV 1.0
4.1/9.5 Mini DIN Female to 4.1/9.5 Mini
DIN Female Adapter IP67 Mated


Similar Part No. - PE91196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
SMC PLUG TO SMC JACK
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91192 PASTERNACK-PE91192 Datasheet
373Kb / 3P
7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
PE91193 PASTERNACK-PE91193 Datasheet
364Kb / 3P
Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 Mated
More results

Similar Description - PE91196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91197 PASTERNACK-PE91197 Datasheet
366Kb / 3P
Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91208 PASTERNACK-PE91208 Datasheet
359Kb / 3P
7 - 16 DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91217 PASTERNACK-PE91217 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to N Female Adapter IP67 Mated
PE91218 PASTERNACK-PE91218 Datasheet
376Kb / 3P
4.1 - 9.5 Mini DIN Female to N Female Adapter IP67 Mated
PE91219 PASTERNACK-PE91219 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Female to N Male Adapter IP67 Mated
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91233 PASTERNACK-PE91233 Datasheet
357Kb / 3P
4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91234 PASTERNACK-PE91234 Datasheet
368Kb / 3P
Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com