Electronic Components Datasheet Search
  English  ▼

X  

LX5219 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # LX5219
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button LX5219 Datasheet HTML 4Page - Microsemi Corporation LX5219 Datasheet HTML 5Page - Microsemi Corporation LX5219 Datasheet HTML 6Page - Microsemi Corporation LX5219 Datasheet HTML 7Page - Microsemi Corporation LX5219 Datasheet HTML 8Page - Microsemi Corporation LX5219 Datasheet HTML 9Page - Microsemi Corporation LX5219 Datasheet HTML 10Page - Microsemi Corporation LX5219 Datasheet HTML 11Page - Microsemi Corporation LX5219 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5219
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.8
3/98
12
P RODUCTION D ATA
S HEET
UltraMAX
CHARACTERISTIC CUR VES
FIGURE 15. —
OUTPUT CURRENT CHANNEL TO CHANNEL MATCHING
APPLICA TION SCHEMATIC
FIGURE 16 — 8-BIT SCSI SYSTEM APPLICATION
ATN
BSY
ACK
RST
MSG
TERM POWER
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
5V
LX5219
SCSI CABLE
Note: Add third LX5219 for 16-bit SCSI
TERMPWR
HOST
PERIPHERAL
V
TERM
2.2µF
5V
TERM POWER
ATN
BSY
ACK
RST
MSG
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
V
TERM
V
TERM
V
TERM
TERMPWR
2.2µF
TERMPWR
TERMPWR
LX5219
LX5219
LX5219
1 2 3 4 5
6 7 8 9
10 11 12 13
14 15 16 17
18 19 20 21
22 23 24 25
i0
i2
i4
i6
i8
21
21.5
22
22.5
23
23.5
24
Part #
Channel
23.5 - 24
23 - 23.5
22.5 - 23
22 - 22.5
21.5 - 22
21 - 21.5
UltraMAX is a trademark of Linfinity Microelectronics Inc.
PRODUCTION DATA - Information contained in this document is proprietary to Linfinity, and is current as of publication date. This document
may not be modified in any way without the express written consent of Linfinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com