Electronic Components Datasheet Search
  English  ▼

X  

IMB-151 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IMB-151
Description  Intel짰 AtomTM Baytrail-M/D Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMB-151 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IMB-151 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMB-151 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial Motherboards
The specification is subject to change without notice. The brand and product names are trademarks of their respective companies. Any configuration other than original product specification is not guaranteed.
ASRock IMB solutions can be widely used for industrial applications, such as process control, data acquisition, and so on. IMB-PCs are typically panel
mounted and often incorporate touch screens for user interaction.
Board Diagram
IPC Motherboards Focused Markets
Gb LAN
RJ45 #1
PCIe x1
SATAII Bus
HDMI
DDI Port 0
480Mbps
SPI FLASH
1.8V/64Mb
RTL8111G
Realtek
Realtek
GL530G
ASM1074
Chrontel
DDI Port 1
1 share USB3.0 ports
1 share Mini PCIE ports
NCT6106D
DDR3L 1333/1066
Audio Amplifier
ALC109-CG
ALC662
Audio Codec
Line
Out
MIC
3 Front USB2.0 ports
TPM
Mini-ITX Form Factor
5Gbps
2 Front USB3.0 ports
2 rear USB3.0 ports
ANALOG PORT
480Mbps
High-Speed USB
3 ports
Asmedia
USB 3.0 Hub
LPC
VRD on Board
Bay Trail SoC
Intel
SPI
SATA2_1
IMB-151 R1.00
2 Rear USB2.0 ports
Realtek
Genesys
USB 2.0 Hub
FCBGA 1170
Channel B
Mini PCIe
SIO
CH7511B
Nuvoton
LVDS
LVDS (header)
24MHz
PCIe x1
128-bit Dual-Channel Memory x 2 Slots
PCIe x1 Slot
DDR3L 1333/1066
Channel A
PS/2 KB/Mouse
(Internal Header)
Serial Port * 6
(Internal Header)
Parallel Port
DIO Port
PCIe x1
CRT VGA
PI2DBS6212ZHE
(SATA Switch)
NXP CBTL04083BBS
(PCIE Switch)
Mini PCIE/m-SATA
Full size
SATAII Bus
SATA2_2
PCIe x1
2-ch/24bits
KIOSK
Surveillance
Gaming Machine Panel PC
Retail & POS
Signage
Panel PC
Industrial Automation
DVR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com