Electronic Components Datasheet Search
  English  ▼

X  

LA0152CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # LA0152CS
Description  Ambient Light Sensor Linear Current Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA0152CS Datasheet(HTML) 1 Page - ON Semiconductor

  LA0152CS Datasheet HTML 1Page - ON Semiconductor LA0152CS Datasheet HTML 2Page - ON Semiconductor LA0152CS Datasheet HTML 3Page - ON Semiconductor LA0152CS Datasheet HTML 4Page - ON Semiconductor LA0152CS Datasheet HTML 5Page - ON Semiconductor LA0152CS Datasheet HTML 6Page - ON Semiconductor LA0152CS Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
1
Publication Order Number:
April 2015- Rev. 1
LA0152CS/D
LA0152CS
Ambient Light Sensor,
Linear Current Output,
with Standby Function
Overview
The LA0152CS is a photo IC for ultra-small package ambient light sensor
which has the characteristics of spectral response similar to that of human
eyes. It is suitable for applications like mobile phone, laptop computer, PDA,
DSC and Camcorder.
Features
Smallest OD-CSP package in the world (1.01mm x 1.01mm x thickness:
0.6mm)
Low variation and Optical Output Current in low temperature fluctuation.
Integrated Sleep function.
Low current consumption.
Typical Applications
Mobile phones and tablets
Digital still cameras
Security camera
SPECIFICATION
ABSOLUTE MAXIMUM RATINGS at Ta = 25
C (Note 1)
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply
voltage
VCC
6V
Operating temperature
Topr
30 to +85
C
Storage temperature
Tstg
40 to +100
C
1. Stresses exceeding those listed in the Absolute Maximum Rating table may damage the device. If
any of these limits are exceeded, device functionality should not be assumed, damage may occur
and reliability may be affected.
www.onsemi.com
ODCSP4 1.01 mm x 1.01 mm
ORDERING INFORMATION
Ordering Code:
LA0152CS-TLM-H
Package
ODCSP4
(Pb-Free / Halogen Free)
Shipping (Qty / packing)
5000 / Tape & Reel
† For information on tape and reel
specifications, including part orientation and
tape sizes, please refer to our Tape and
Reel Packaging Specifications Brochure,
BRD8011/D.
http://www.onsemi.com/pub_link/Collateral/
BRD8011-D.PDF
RECOMMENED OPERATING CONDITIONS AND
OPERATING VOLTAGE RANGE at Ta = 25
C (Note 2)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
SW pin low voltage
Vl
Sleep mode
0
0.4
V
SW pin high voltage
Vh
Active mode
1.4
VCC
V
2. Functional operation above the stresses listed in the Recommended Operating Ranges is not
implied. Extended exposure to stresses beyond the Recommended Operating Ranges limits may
affect device reliability.


Similar Part No. - LA0152CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA0152CS SANYO-LA0152CS Datasheet
243Kb / 6P
Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
More results

Similar Description - LA0152CS

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9007 AVAGO-APDS-9007 Datasheet
711Kb / 14P
Ambient Light Photo Sensor with Logarithmic Current Output
logo
Rohm
BH1603FVC ROHM-BH1603FVC Datasheet
266Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
OPIC??Linear Output Ambient Light Sensor
logo
Rohm
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
BH1680FVC-E ROHM-BH1680FVC-E Datasheet
293Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
BH1600FVC-TR ROHM-BH1600FVC-TR Datasheet
358Kb / 9P
Analog Current Output Type Ambient Light Sensor IC
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9007-020 AVAGO-APDS-9007-020 Datasheet
725Kb / 14P
Ambient Light Photo Sensor with Logarithmic Current Output
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
LV0111CF ONSEMI-LV0111CF_15 Datasheet
170Kb / 7P
Ambient Light Sensor, Logarithmic Current Output
April 2015- Rev. 1
logo
Rohm
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
Analog Current Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com